Electronic Components Datasheet Search
  English  ▼

X  

PAN3201DH Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PAN3201DH
Description  LOW POWER CMOS OPTICAL MOUSE SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3201DH Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PAN3201DH Datasheet HTML 1Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 2Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 3Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 4Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 5Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 6Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 7Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 8Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
PixArt Imaging Inc.
PAN3201DH
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
5
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Mar. 2006
0x02
Motion_Status
Bit
7
6
5
4
3
2
1
0
Field
Motion
Reserved[6:5]
DYOVF
DXOVF
RES[2:0]
Usage
Register 0x02 allows the user to determine if motion has occurred since the last time it was read. If
so, then the user should read registers 0x03 and 0x04 to get the accumulated motion. It also tells if
the motion buffers have overflowed since the last reading. The current resolution is also shown.
Reading this register freezes the Delta_X and Delta_Y register values. Read this register before
reading the Delta_X and Delta_Y registers. If Delta_X and Delta_Y are not read before the motion
register is read a second time, the data in Delta_X and Delta_Y will be lost.
Field Name
Description
Motion
Motion since last report or PD
0 = No motion (Default)
1 = Motion occurred, data ready for reading in Delta_X and Delta_Y registers
Reserved[6:5]
Reserved for future
DYOVF
Motion Delta Y overflow, ∆Y buffer has overflowed since last report
0 = No overflow (Default)
1 = Overflow has occurred
DXOVF
Motion Delta X overflow, ∆X buffer has overflowed since last report
0 = No overflow (Default)
1 = Overflow has occurred
Notes
RES[2:0]
Resolution in counts per inch
000 = 400
001 = 500
010 = 600
011 = 800
100 = 1000
0x03
Delta_X
Bit
7
6
5
4
3
2
1
0
Field
X7
X6
X5
X4
X3
X2
X1
X0
Usage
X movement is counts since last report. Absolute value is determined by resolution. Reading clears
the register. Report range –128~+127.
0x04
Delta_Y
Bit
7
6
5
4
3
2
1
0
Field
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Usage
Y movement is counts since last report. Absolute value is determined by resolution. Reading clears
the register. Report range –128~+127.


Similar Part No. - PAN3201DH

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN3203DI PIXART-PAN3203DI Datasheet
342Kb / 13P
WIRELESS OPTICAL MOUSE SINGLE CHIP
PAN3204DB PIXART-PAN3204DB Datasheet
570Kb / 27P
LOW COST WIRELESS MOUSE SENSOR
V3.0, Apr. 2008
More results

Similar Description - PAN3201DH

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN3101 PIXART-PAN3101 Datasheet
487Kb / 22P
LOW COST CMOS OPTICAL MOUSE SENSOR
PAW3101DB PIXART-PAW3101DB Datasheet
448Kb / 22P
CMOS OPTICAL MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
Ultra Low-Power Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
Ultra Low-Power Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com