Electronic Components Datasheet Search
  English  ▼

X  

PAN3201DH Datasheet(PDF) 6 Page - Pixart Imaging Inc.

Part # PAN3201DH
Description  LOW POWER CMOS OPTICAL MOUSE SENSOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3201DH Datasheet(HTML) 6 Page - Pixart Imaging Inc.

Back Button PAN3201DH Datasheet HTML 2Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 3Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 4Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 5Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 6Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 7Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 8Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 9Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 10Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
PixArt Imaging Inc.
PAN3201DH
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
6
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Mar. 2006
0x05
Operation_Mode
Bit
7
6
5
4
3
2
1
0
Field
LEDsht_enh
XY_enh
Reserved
Slp_enh
Slp2au
Slp2mu
Slp1mu
Wakeup
Usage Register 0x05 allows the user to change the operation of the sensor. Shown below are the bits, their
default values, and optional values.
Operation_Mode[4:0]
“0xxxx”=Disable sleep mode
“10xxx”=Enable sleep mode1
“11xxx”=Enable sleep mode2
“1x100”=Force enter sleep23
“1x010”=Force enter sleep13
“1x001”=Force wakeup from sleep mode3
Notes:
1. Enable sleep mode, but disable automatic entering sleep2 mode, that is, only 2 modes will be used,
normal mode and sleep1 mode. After 200 ms not moving during normal mode, the chip will enter
sleep1 mode, and keep on sleep1 mode until moving is detected or wakeup is asserted.
2. Enable sleep mode full function, that is 3 modes will be used, normal mode, sleep1 mode and sleep2
mode. After 200 ms not moving during normal mode, chip will enter sleep1 mode, and keep on
sleep1 mode until moving is detected or wakeup is asserted.
And after 30 sec not moving during sleep1 mode, the chip will enter sleep2 mode, and keep on
sleep2 mode until detect moving or force wakeup to normal mode.
Mode
Sampling rate @3000frame/sec
Active duty cycle @3000frame/sec
Sleep1
77/sec
3.8%
Sleep2
8/sec
0.4%
3. Only one of these three bits slp2mu_enh, slp1mu_enh, and wakeup can be set to 1 at the same time,
others have to be set to 0. After a period of time, the bits, which was set to 1, will be reset to 0 by
internal signal.
Field Name
Description
LEDsht_enh
LED shutter enable / disable
0 = Disable
1 = Enable (Default)
XY_enh
XY quadrature output enable/disable
0 = Disable
1 = Enable (Default)
Reserved
Reserved for future
Slp_enh
Sleep mode enable/disable
0 = Disable
1 = Enable (Default)
Slp2au
Automatic enter sleep2 mode enable/disable
0 = Disable
1 = Enable (Default)
Slp2mu
Manual enter sleep2 mode, set “1” will enter sleep2 and this bit will be reset to “0”
Slp1mu
Manual enter sleep1 mode, set “1” will enter sleep2 and this bit will be reset to “0”
Notes
Wakeup
Manual wake up from sleep mode, set “1” will enter wakeup and this bit will be reset
to “0”


Similar Part No. - PAN3201DH

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN3203DI PIXART-PAN3203DI Datasheet
342Kb / 13P
   WIRELESS OPTICAL MOUSE SINGLE CHIP
PAN3204DB PIXART-PAN3204DB Datasheet
570Kb / 27P
   LOW COST WIRELESS MOUSE SENSOR
V3.0, Apr. 2008
More results

Similar Description - PAN3201DH

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3101DB PIXART-PAW3101DB Datasheet
448Kb / 22P
   CMOS OPTICAL MOUSE SENSOR
PAN3101 PIXART-PAN3101 Datasheet
487Kb / 22P
   LOW COST CMOS OPTICAL MOUSE SENSOR
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
   Low Power Optical Mouse Sensor
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com