Electronic Components Datasheet Search
  English  ▼

X  

PAN3201DH Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # PAN3201DH
Description  LOW POWER CMOS OPTICAL MOUSE SENSOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3201DH Datasheet(HTML) 7 Page - Pixart Imaging Inc.

Back Button PAN3201DH Datasheet HTML 3Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 4Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 5Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 6Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 7Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 8Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 9Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 10Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 11Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
PixArt Imaging Inc.
PAN3201DH
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
7
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Mar. 2006
0x06
Configuration
Bit
7
6
5
4
3
2
1
0
Field
Reset
Reserved
Cpimd
Swk_enh
PD
Reserved
CPI [1:0]
Usage
The Configuration register allows the user to change the configuration of the sensor.
Shown below are the bits, their default values, and optional values.
Field Name
Description
Reset
Full chip reset
0 = Normal operation mode (Default)
1 = Full chip reset
Reserved[7:4]
Reserved for future
Cpimd
Cpi mode select
PD
Power down mode
0 = Normal operation (Default)
1 = Power down mode
Reserved
Reserved for future
Notes
CPI[1:0]
Output resolution setting, setting with cpi mode select bit (Cpimd)
Cpimd = 0
00 = 800
01 = 400
10 = 400
11 = 600
Cpimd = 1
00 = 1000
01 = 500
10 = 500
11 = 800
0x07
Image_Quality
Bit
7
6
5
4
3
2
1
0
Field
Imgqa[7:0]
Usage
Image Quality is a quality level of the sensor in the current frame. Report range 0~255. The
minimum level for normally working is 15.
Field Name
Description
Notes
Imgqa[7:0]
Image quality report range: 0(worst) ~ 255(best).


Similar Part No. - PAN3201DH

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN3203DI PIXART-PAN3203DI Datasheet
342Kb / 13P
   WIRELESS OPTICAL MOUSE SINGLE CHIP
PAN3204DB PIXART-PAN3204DB Datasheet
570Kb / 27P
   LOW COST WIRELESS MOUSE SENSOR
V3.0, Apr. 2008
More results

Similar Description - PAN3201DH

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3101DB PIXART-PAW3101DB Datasheet
448Kb / 22P
   CMOS OPTICAL MOUSE SENSOR
PAN3101 PIXART-PAN3101 Datasheet
487Kb / 22P
   LOW COST CMOS OPTICAL MOUSE SENSOR
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
   Low Power Optical Mouse Sensor
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com