Electronic Components Datasheet Search
  English  ▼

X  

PAN3201DH Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PAN3201DH
Description  LOW POWER CMOS OPTICAL MOUSE SENSOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3201DH Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button PAN3201DH Datasheet HTML 4Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 5Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 6Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 7Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 8Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 9Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 10Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 11Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
PixArt Imaging Inc.
PAN3201DH
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
8
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Mar. 2006
4. Specifications
Absolute Maximum Ratings
Stresses above those listed under "Absolute Maximum Rating" may cause permanent damage to the device.
These are stress ratings only. Functional operation of this device at these or any other conditions above those
indicated in the operational sections of this specification is not implied and exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Symbol
Parameter
Min
Max
Unit
Notes
TSTG
Storage temperature
-40
85
TA
Operating Temperature
-15
55
°C
-0.5
Vdd1 + 0.2
V
VDC
DC supply voltage
-0.5
Vdd2 + 0.3
V
VIN
DC input voltage
-0.5
VDC
V
All I/O pin
Lead Solder Temp
-
260
°C
For 10 seconds, 1.6mm below seating plane.
ESD
-
2
kV
All pins, human body model MIL 883 Method
3015
Recommend Operating Condition
Symbol Parameter
Min.
Typ.
Max.
Unit
Notes
TA
Operating Temperature
0
-
40
°C
Vdd1
1.73
1.8
1.87
VDDD, VDDA, VDD short
Vdd2
Power supply voltage
2.5
2.7
2.9
V
VDD
VN
Supply noise
-
-
100
mV
Peak to peak within 0-100 MHz
Z
Distance from lens reference
plane to surface
2.3
2.4
2.5
mm
Refer to Figure 4.
R
Resolution
400
800
1000
cpi
A
Acceleration
-
-
TBD
g
SCLK
Serial Port Clock Frequency
-
-
10
MHz
CL
Load capacitance of resonator
15
-
30
pF
15 pF @ FCLK=24.567MHz
30 pF @ FCLK=18.432MHz
FCLK
Clock Frequency
12.000 18.432 24.576
MHz
Set by crystal or ceramic resonator.
FR
Frame Rate
1953
3000
4000 Frames/s
1953 frames/s @ FCLK=12.000MHz
3000 frames/s @ FCLK=18.432MHz
4000 frames/s @ FCLK=24.567MHz
S
Speed
18
28
37
Inches/s
18 inches/s @ FCLK=12.000MHz
28 inches/s @ FCLK=18.432MHz
37 inches/s @ FCLK=24.567MHz


Similar Part No. - PAN3201DH

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN3203DI PIXART-PAN3203DI Datasheet
342Kb / 13P
   WIRELESS OPTICAL MOUSE SINGLE CHIP
PAN3204DB PIXART-PAN3204DB Datasheet
570Kb / 27P
   LOW COST WIRELESS MOUSE SENSOR
V3.0, Apr. 2008
More results

Similar Description - PAN3201DH

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3101DB PIXART-PAW3101DB Datasheet
448Kb / 22P
   CMOS OPTICAL MOUSE SENSOR
PAN3101 PIXART-PAN3101 Datasheet
487Kb / 22P
   LOW COST CMOS OPTICAL MOUSE SENSOR
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
   Low Power Optical Mouse Sensor
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com