| Electronic Components Datasheet Search |
|
HT66F60 Datasheet(PDF) 109 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F60 Datasheet(HTML) 109 Page - Holtek Semiconductor Inc |
|
109 / 246 page ![]() HT66F20/HT66F30/HT66F40/HT66F50/HT66F60 HT66FU30/HT66FU40/HT66FU50/HT66FU60 Rev. 1.10 109 February 1, 2010 Single Pulse Mode To select this mode, bits TnM1 and TnM0 in the TMnC1 register should be set to 10 respectively and also the TnIO1 and TnIO0 bits should be set to 11 respectively. The Single Pulse Output Mode, as the name suggests, will generate a single shot pulse on the TM output pin. The trigger for the pulse output leading edge is a low to high transition of the TnON bit, which can be imple- mented using the application program. However in the Single Pulse Mode, the TnON bit can also be made to automatically change from low to high using the external TCKn pin, which will in turn initiate the Single Pulse out- put. When the TnON bit transitions to a high level, the counter will start running and the pulse leading edge will be generated. The TnON bit should remain high when the pulse is in its active state. The generated pulse trail- ing edge will be generated when the TnON bit is cleared to zero, which can be implemented using the application program or when a compare match occurs from Com- parator A. L e a d i n g E d g e T n O N b i t 0 ® 1 S / W C o m m a n d S E T " T n O N " o r T C K n P i n T r a n s i t i o n T n O N b i t 1 ® 0 S / W C o m m a n d C L R " T n O N " o r C C R A M a t c h C o m p a r e P u l s e W i d t h = C C R A V a l u e T r a i l i n g E d g e T M n O u t p u t P i n Single Pulse Generation Single Pulse Mode Note: 1. Counter stopped by CCRA match 2. CCRP is not used 3. Pulse triggered by TCKn pin or setting TnON bit high 4. TCKn pin active edge will auto set TnON bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |