Electronic Components Datasheet Search
  English  ▼

X  

HT66F60 Datasheet(PDF) 131 Page - Holtek Semiconductor Inc

Part # HT66F60
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F60 Datasheet(HTML) 131 Page - Holtek Semiconductor Inc

Back Button HT66F60 Datasheet HTML 127Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 128Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 129Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 130Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 131Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 132Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 133Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 134Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 135Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
131
February 1, 2010
Analog to Digital Converter
The need to interface to real world analog signals is a
common requirement for many electronic systems.
However, to properly process these signals by a
microcontroller, they must first be converted into digital
signals by A/D converters. By integrating the A/D con-
version electronic circuitry into the microcontroller, the
need for external components is reduced significantly
with the corresponding follow-on benefits of lower costs
and reduced component space requirements.
A/D Overview
The devices contains a multi-channel analog to digital
converter which can directly interface to external analog
signals, such as that from sensors or other control sig-
nals and convert these signals directly into either a
12-bit digital value.
Part No.
Input
Channels
A/D Channel
Select Bits
Input
Pins
HT66F20
HT66F30
HT66F40
HT66F50
8
ACS4,
ACS2~ACS0
AN0~AN7
HT66F60
12
ACS4,
ACS3~ACS0
AN0~AN11
The accompanying block diagram shows the overall in-
ternal structure of the A/D converter, together with its as-
sociated registers.
A/D Converter Register Description
Overall operation of the A/D converter is controlled us-
ing six registers. A read only register pair exists to store
the ADC data 12-bit value. The remaining three or four
registers are control registers which setup the operating
and control function of the A/D converter.
Register
Name
Bit
76543210
ADRL(ADRFS=0)
D3
D2
D1
D0
¾¾¾¾
ADRL(ADRFS=1)
D7
D6
D5
D4
D3
D2
D1
D0
ADRH(ADRFS=0)
D11
D10
D9
D8
D7
D6
D5
D4
ADRH(ADRFS=1)
¾¾¾¾
D11
D10
D9
D8
ADCR0
START
EOCB
ADOFF
ADRFS
¾
ACS2
ACS1
ACS0
ADCR1
ACS4
V125EN
¾
VREFS
¾
ADCK2
ADCK1
ADCK0
ACERL
ACE7
ACE6
ACE5
ACE4
ACE3
ACE2
ACE1
ACE0
HT66F20/HT66F30/HT66F40/HT66F50 A/D Converter Register List
Register
Name
Bit
76543210
ADRL(ADRFS=0)
D3
D2
D1
D0
¾¾¾¾
ADRL(ADRFS=1)
D7
D6
D5
D4
D3
D2
D1
D0
ADRH(ADRFS=0)
D11
D10
D9
D8
D7
D6
D5
D4
ADRH(ADRFS=1)
¾¾¾¾
D11
D10
D9
D8
ADCR0
START
EOCB
ADOFF
ADRFS
ACS3
ACS2
ACS1
ACS0
ADCR1
ACS4
V125EN
¾
VREFS
¾
ADCK2
ADCK1
ADCK0
ACERL
ACE7
ACE6
ACE5
ACE4
ACE3
ACE2
ACE1
ACE0
ACERH
¾¾¾¾
ACE11
ACE10
ACE9
ACE8
HT66F60 A/D Converter Register List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com