Electronic Components Datasheet Search
  English  ▼

X  

HT66F60 Datasheet(PDF) 196 Page - Holtek Semiconductor Inc

Part # HT66F60
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F60 Datasheet(HTML) 196 Page - Holtek Semiconductor Inc

Back Button HT66F60 Datasheet HTML 192Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 193Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 194Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 195Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 196Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 197Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 198Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 199Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 200Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
196
February 1, 2010
Bit 3
WAKE: RX pin falling edge wake-up function enable control
0: RX pin wake-up function is disabled
1: RX pin wake-up function is enabled
This bit enables or disables the receiver wake-up function. If this bit is equal to
²1² and the
MCU is in IDLE or SLEEP mode, a falling edge on the RX input pin will wake-up
the device. If this bit is equal to
²0² and the MCU is in IDLE or SLEEP mode,
any edge transitions on the RX pin will not wake-up the device.
Bit 2
RIE: Receiver interrupt enable control
0: receiver related interrupt is disabled
1: receiver related interrupt is enabled
This bit enables or disables the receiver interrupt. If this bit is equal to
²1² and when the
receiver overrun flag OERR or receive data available flag RXIF is set, the UART interrupt request
flag will be set. If this bit is equal to
²0², the UART interrupt request flag will not be influenced
by the condition of the OERR or RXIF flags.
Bit 1
TIIE: Transmitter Idle interrupt enable control
0: transmitter idle interrupt is disabled
1: transmitter idle interrupt is enabled
This bit enables or disables the transmitter idle interrupt. If this bit is equal to
²1² and when
the transmitter idle flag TIDLE is set, due to a transmitter idle condition, the UART interrupt
request flag will be set. If this bit is equal to
²0², the UART interrupt request flag will not be
influenced by the condition of the TIDLE flag.
Bit 0
TEIE: Transmitter Empty interrupt enable control
0: transmitter empty interrupt is disabled
1: transmitter empty interrupt is enabled
This bit enables or disables the transmitter empty interrupt. If this bit is equal to
²1² and when
the transmitter empty flag TXIF is set, due to a transmitter empty condition, the UART interrupt
request flag will be set. If this bit is equal to
²0², the UART interrupt request flag will not be
influenced by the condition of the TXIF flag.
· UCR3 register
The UCR3 register is the last of the UART control registers and controls the software reset operation of the UART
module. The only one available bit named URST in the UART control register UCR3 is the UART software reset con-
trol bit. When this bit is equal to
²0², the UART operates normally. If this bit is equal to ²1², the whole UART module
will be reset. When this situation occurs, the transmitter and receiver will be reset. The UART registers including the
status register and control registers will keep the POR states shown in the above UART registers table after the reset
condition occurs.
Bit
76543210
Name
URST
¾¾¾¾¾¾¾
R/W
R/W
¾¾¾¾¾¾¾
POR
0
¾¾¾¾¾¾¾
Bit 7
URST: UART software reset
0: no action
1: UART reset occurs
Bit 6~0
unimplemented, read as
²0²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com