Electronic Components Datasheet Search
  English  ▼

X  

HT66F60 Datasheet(PDF) 205 Page - Holtek Semiconductor Inc

Part # HT66F60
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F60 Datasheet(HTML) 205 Page - Holtek Semiconductor Inc

Back Button HT66F60 Datasheet HTML 201Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 202Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 203Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 204Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 205Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 206Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 207Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 208Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 209Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 246 page
background image
Application Circuit with UART Module
Note:
²*² It is recommended that this component is added for added ESD protection.
²**² It is recommended that this component is added in environments where power line noise is significant.
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
205
February 1, 2010
O S C 1
O S C 2
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n
A N x
I / O P o r t s
X T 1
X T 2
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n
R E S
V D D
V S S
0 . 1 m F
V D D
R e s e t
C i r c u i t
0 . 1 ~ 1 m F
1 0 k W ~
1 0 0 k W
3 0 0 W *
0 . 0 1 m F * *
1 N 4 1 4 8 *
T X
R X
T I N
R O U T
R S 2 3 2
T r a n s c e i v e r
T o / F r o m R S 2 3 2 B u s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com