Electronic Components Datasheet Search
  English  ▼

X  

X88C64 Datasheet(PDF) 7 Page - Xicor Inc.

Part # X88C64
Description  E2 Micro-Peripheral
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88C64 Datasheet(HTML) 7 Page - Xicor Inc.

  X88C64 Datasheet HTML 1Page - Xicor Inc. X88C64 Datasheet HTML 2Page - Xicor Inc. X88C64 Datasheet HTML 3Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 3 page
background image
X88C64
7
DATA PROTECTION
The X88C64 provides two levels of data protection
through software control. There is a global software data
protection feature similar to the industry standard for
E2PROMs and a new Block Protect write lockout protec-
tion providing a secondary level of data security.
SOFTWARE DATA PROTECTION
Software Data Protection (SDP) is employed to protect
the entire array against inadvertent writes. To write to the
X88C64, a three-byte command sequence must precede
the byte(s) being written. All write operations, both the
command sequence and any data write operations, must
conform to the page write timing requirements.
Setting write lockout is accomplished by writing a five-
byte command sequence, opening access to the Block
Protect Register (BPR). After the fifth byte is written, the
user writes to the BPR, selecting which blocks to protect
or unprotect. All write operations, both the command
sequence and writing the data to the BPR, must conform
to the page write timing requirements.
Block Protect Write Lockout
The X88C64 provides a secondary level of data security
referred to as Block Protect write lockout. This is ac-
cessed through an extension of the SDP command
sequence. Block Protect allows the user to lockout
writes to any 1K x 8 blocks of memory. Unlike SDP which
prevents inadvertent writes, but still allows easy system
access to writing the memory, Block Protect will lockout
all attempts unless it is specifically disabled by the host.
This could be used to set a higher level of protection in
a system where a portion of the memory is used for
Program Storage and another portion is used as Data
Storage.
Writing with SDP
3867 FHD F10
Block Protect Register Format
3867 FHD F12
6
5
43
2
1
0
7
0000–03FF
0400–07FF
0800–0BFF
0C00–0FFF
1000–13FF
1400–17FF
1800–1BFF
1C00–1FFF
BLOCK
ADDRESS
1 = Protect, 0 = Unprotect Block Specified
MSB
LSB
Setting BPR Sequence
3867 FHD F13
WRITE AA
TO X555
WRITE 55
TO XAAA
WRITE A0
TO X555
PERFORM BYTE
OR PAGE WRITE
OPERATIONS
WAIT tWC
EXIT ROUTINE
X = A
12 :
A12 = 1 IF DATA TO BE
WRITTEN IS WITHIN
ADDRESS 1000 TO 1FFF.
A12 = 0 IF DATA TO BE
WRITTEN IS WITHIN
ADDRESS 0000 TO 0FFF.
WRITE AA
TO X555
WRITE BPR
MASK VALUE TO
ANY ADDRESS
WAIT tWC
EXIT ROUTINE
WRITE 55
TO XAAA
WRITE C0
TO XAAA
(BPR REGISTER SET)
WRITE AA
TO X555
WRITE A0
TO X555
X = A
12:
A
12 = 1 IF PROGRAM BEING EXECUTED
RESIDES WITHIN ADDRESS 0000 TO 0FFF.
A
12 = 0 IF PROGRAM BEING EXECUTED
RESIDES WITHIN ADDRESS 1000 TO 1FFF.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com