Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM647ZUT1 Datasheet(PDF) 156 Page - Texas Instruments

Part # TMS320DM647ZUT1
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647ZUT1 Datasheet(HTML) 156 Page - Texas Instruments

Back Button TMS320DM647ZUT1 Datasheet HTML 152Page - Texas Instruments TMS320DM647ZUT1 Datasheet HTML 153Page - Texas Instruments TMS320DM647ZUT1 Datasheet HTML 154Page - Texas Instruments TMS320DM647ZUT1 Datasheet HTML 155Page - Texas Instruments TMS320DM647ZUT1 Datasheet HTML 156Page - Texas Instruments TMS320DM647ZUT1 Datasheet HTML 157Page - Texas Instruments TMS320DM647ZUT1 Datasheet HTML 158Page - Texas Instruments TMS320DM647ZUT1 Datasheet HTML 159Page - Texas Instruments TMS320DM647ZUT1 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 181 page
background image
SGMII 0
GMIIport0
Gigabit
MAC 0
SGMII1
(A)
GMIIport1
2
2
2
AddrLookup
Engine
SGMII
Port0
HostDMA
Controller
3 -port
Gigabit
Switch
Gigabit
MAC 1
Buffer
Descriptor
Memory
Configuration
Registers
REFCLK
2
2
SGMII
Port1
MII
Serial
Mgmt
Peripheral
Bus
MDIO
Configuration
Bus
Configuration
Bus
DSP
Interrupt
Controller
TMS320DM647
TMS320DM648
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
www.ti.com
•
EtherStats and 802.3 Stats RMON statistics gathering (shared)
•
Programmable statistics interrupt mask when a statistic is above one half its 32-bit value
–
MDIO module for PHY management
–
SGMII gigabit current mode logic (CML) differential SERializer/DESerializer (SerDes) I/O
receiver/transmitters
•
Adaptive active equalization for superior data dependent jitter tolerance in the presence of a
lossy channel
•
Loss of signal detector with programmable threshold levels in receive channels
•
Integrated receiver and transmitter termination
•
IEEE 802.3 gigabit Ethernet conformant
6.19.1 Ethernet Subsystem Functions
A.
SGMII port 1 is not available on DM647.
Figure 6-51. Ethernet Subsystem Block Diagram
The Ethernet Subsystem conforms to the IEEE 802.3-2002 standard. Deviating from this standard, the
GMAC module does not use the transmit coding error signal MTXER. Instead of driving the error pin when
an underflow condition occurs on a transmitted frame, the GMAC generates an incorrect checksum by
inverting the frame CRC, so that the transmitted frame will be detected as an error by the network.
In networking systems, packet transmission and reception are critical tasks. The communications port
programming interface (CPPI) protocol maximizes the efficiency of interaction between the host software
and communications modules. The CPPI block contains 2048 words of 32-bit buffer descriptor memory
that holds up to 512 buffer descriptors.
After reset, initialization, configuration, and auto-negotiation, the host C64x+ DSP may initiate Ethernet
transmit and receive operations.
156
Peripheral Information and Electrical Specifications
Copyright © 2010–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com