| Electronic Components Datasheet Search |
|
AM1808AZCE3 Datasheet(PDF) 189 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1808AZCE3 Datasheet(HTML) 189 Page - Texas Instruments |
|
189 / 264 page ![]() AM1808 www.ti.com SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010 Table 6-94. Ethernet Media Access Controller (EMAC) Registers (continued) BYTE ADDRESS ACRONYM REGISTER DESCRIPTION 0x01E2 3654 TX5CP Transmit Channel 5 Completion Pointer Register 0x01E2 3658 TX6CP Transmit Channel 6 Completion Pointer Register 0x01E2 365C TX7CP Transmit Channel 7 Completion Pointer Register 0x01E2 3660 RX0CP Receive Channel 0 Completion Pointer Register 0x01E2 3664 RX1CP Receive Channel 1 Completion Pointer Register 0x01E2 3668 RX2CP Receive Channel 2 Completion Pointer Register 0x01E2 366C RX3CP Receive Channel 3 Completion Pointer Register 0x01E2 3670 RX4CP Receive Channel 4 Completion Pointer Register 0x01E2 3674 RX5CP Receive Channel 5 Completion Pointer Register 0x01E2 3678 RX6CP Receive Channel 6 Completion Pointer Register 0x01E2 367C RX7CP Receive Channel 7 Completion Pointer Register Table 6-95. EMAC Statistics Registers BYTE ADDRESS ACRONYM REGISTER DESCRIPTION 0x01E2 3200 RXGOODFRAMES Good Receive Frames Register Broadcast Receive Frames Register 0x01E2 3204 RXBCASTFRAMES (Total number of good broadcast frames received) Multicast Receive Frames Register 0x01E2 3208 RXMCASTFRAMES (Total number of good multicast frames received) 0x01E2 320C RXPAUSEFRAMES Pause Receive Frames Register Receive CRC Errors Register (Total number of frames received with 0x01E2 3210 RXCRCERRORS CRC errors) Receive Alignment/Code Errors Register 0x01E2 3214 RXALIGNCODEERRORS (Total number of frames received with alignment/code errors) Receive Oversized Frames Register 0x01E2 3218 RXOVERSIZED (Total number of oversized frames received) Receive Jabber Frames Register 0x01E2 321C RXJABBER (Total number of jabber frames received) Receive Undersized Frames Register 0x01E2 3220 RXUNDERSIZED (Total number of undersized frames received) 0x01E2 3224 RXFRAGMENTS Receive Frame Fragments Register 0x01E2 3228 RXFILTERED Filtered Receive Frames Register 0x01E2 322C RXQOSFILTERED Received QOS Filtered Frames Register Receive Octet Frames Register 0x01E2 3230 RXOCTETS (Total number of received bytes in good frames) Good Transmit Frames Register 0x01E2 3234 TXGOODFRAMES (Total number of good frames transmitted) 0x01E2 3238 TXBCASTFRAMES Broadcast Transmit Frames Register 0x01E2 323C TXMCASTFRAMES Multicast Transmit Frames Register 0x01E2 3240 TXPAUSEFRAMES Pause Transmit Frames Register 0x01E2 3244 TXDEFERRED Deferred Transmit Frames Register 0x01E2 3248 TXCOLLISION Transmit Collision Frames Register 0x01E2 324C TXSINGLECOLL Transmit Single Collision Frames Register 0x01E2 3250 TXMULTICOLL Transmit Multiple Collision Frames Register 0x01E2 3254 TXEXCESSIVECOLL Transmit Excessive Collision Frames Register 0x01E2 3258 TXLATECOLL Transmit Late Collision Frames Register 0x01E2 325C TXUNDERRUN Transmit Underrun Error Register 0x01E2 3260 TXCARRIERSENSE Transmit Carrier Sense Errors Register 0x01E2 3264 TXOCTETS Transmit Octet Frames Register 0x01E2 3268 FRAME64 Transmit and Receive 64 Octet Frames Register Copyright © 2010, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 189 Submit Documentation Feedback Product Folder Link(s): AM1808 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |