| Electronic Components Datasheet Search |
|
AM1808AZCE3 Datasheet(PDF) 220 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1808AZCE3 Datasheet(HTML) 220 Page - Texas Instruments |
|
220 / 264 page ![]() AM1808 SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010 www.ti.com 6.26 Universal Parallel Port (uPP) The Universal Parallel Port (uPP) peripheral is a multichannel, high-speed parallel interface with dedicated data lines and minimal control signals. It is designed to interface cleanly with high-speed analog-to-digital converters (ADCs) or digital-to-analog converters (DACs) with up to 16-bit data width (per channel). It may also be interconnected with field-programmable gate arrays (FPGAs) or other uPP devices to achieve high-speed digital data transfer. It can operate in receive mode, transmit mode, or duplex mode, in which its individual channels operate in opposite directions. The uPP peripheral includes an internal DMA controller to maximize throughput and minimize CPU overhead during high-speed data transmission. All uPP transactions use the internal DMA to provide data to or retrieve data from the I/O channels. The DMA controller includes two DMA channels, which typically service separate I/O channels. The uPP peripheral also supports data interleave mode, in which all DMA resources service a single I/O channel. In this mode, only one I/O channel may be used. The features of the uPP include: • Programmable data width per channel (from 8 to 16 bits inclusive) • Programmable data justification – Right-justify with zero extend – Right-justify with sign extend – Left-justify with zero fill • Supports multiplexing of interleaved data during SDR transmit • Optional frame START signal with programmable polarity • Optional data ENABLE signal with programmable polarity • Optional synchronization WAIT signal with programmable polarity • Single Data Rate (SDR) or Double data Rate (DDR, interleaved) interface – Supports multiplexing of interleaved data during SDR transmit – Supports demultiplexing and multiplexing of interleaved data during DDR transfers 220 Peripheral Information and Electrical Specifications Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM1808 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |