Electronic Components Datasheet Search
  English  ▼

X  

AM1808AZCE4 Datasheet(PDF) 127 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 127 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 123Page - Texas Instruments AM1808AZCE4 Datasheet HTML 124Page - Texas Instruments AM1808AZCE4 Datasheet HTML 125Page - Texas Instruments AM1808AZCE4 Datasheet HTML 126Page - Texas Instruments AM1808AZCE4 Datasheet HTML 127Page - Texas Instruments AM1808AZCE4 Datasheet HTML 128Page - Texas Instruments AM1808AZCE4 Datasheet HTML 129Page - Texas Instruments AM1808AZCE4 Datasheet HTML 130Page - Texas Instruments AM1808AZCE4 Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
6.14.1 SATA Register Descriptions
Table 6-42 is a list of the SATA Controller registers.
Table 6-42. SATA Controller Registers
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01E1 8000
CAP
HBA Capabilities Register
0x01E1 8004
GHC
Global HBA Control Register
0x01E1 8008
IS
Interrupt Status Register
0x01E1 800C
PI
Ports Implemented Register
0x01E1 8010
VS
AHCI Version Register
0x01E1 8014
CCC_CTL
Command Completion Coalescing Control Register
0x01E1 8018
CCC_PORTS
Command Completion Coalescing Ports Register
0x01E1 80A0
BISTAFR
BIST Active FIS Register
0x01E1 80A4
BISTCR
BIST Control Register
0x01E1 80A8
BISTFCTR
BIST FIS Count Register
0x01E1 80AC
BISTSR
BIST Status Register
0x01E1 80B0
BISTDECR
BIST DWORD Error Count Register
0x01E1 80E0
TIMER1MS
BIST DWORD Error Count Register
0x01E1 80E8
GPARAM1R
Global Parameter 1 Register
0x01E1 80EC
GPARAM2R
Global Parameter 2 Register
0x01E1 80F0
PPARAMR
Port Parameter Register
0x01E1 80F4
TESTR
Test Register
0x01E1 80F8
VERSIONR
Version Register
0x01E1 80FC
IDR
ID Register
0x01E1 8100
P0CLB
Port Command List Base Address Register
0x01E1 8108
P0FB
Port FIS Base Address Register
0x01E1 8110
P0IS
Port Interrupt Status Register
0x01E1 8114
P0IE
Port Interrupt Enable Register
0x01E1 8118
P0CMD
Port Command Register
0x01E1 8120
P0TFD
Port Task File Data Register
0x01E1 8124
P0SIG
Port Signature Register
0x01E1 8128
P0SSTS
Port Serial ATA Status Register
0x01E1 812C
P0SCTL
Port Serial ATA Control Register
0x01E1 8130
P0SERR
Port Serial ATA Error Register
0x01E1 8134
P0SACT
Port Serial ATA Active Register
0x01E1 8138
P0CI
Port Command Issue Register
0x01E1 813C
P0SNTF
Port Serial ATA Notification Register
0x01E1 8170
P0DMACR
Port DMA Control Register
0x01E1 8178
P0PHYCR
Port PHY Control Register
0x01E1 817C
P0PHYSR
Port PHY Status Register
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
127
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com