Electronic Components Datasheet Search
  English  ▼

X  

AM1808AZCE4 Datasheet(PDF) 163 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 163 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 159Page - Texas Instruments AM1808AZCE4 Datasheet HTML 160Page - Texas Instruments AM1808AZCE4 Datasheet HTML 161Page - Texas Instruments AM1808AZCE4 Datasheet HTML 162Page - Texas Instruments AM1808AZCE4 Datasheet HTML 163Page - Texas Instruments AM1808AZCE4 Datasheet HTML 164Page - Texas Instruments AM1808AZCE4 Datasheet HTML 165Page - Texas Instruments AM1808AZCE4 Datasheet HTML 166Page - Texas Instruments AM1808AZCE4 Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
Table 6-77. General Timing Requirements for SPI1 Slave Modes(1)
1.3V, 1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
9
tc(SPC)S
Cycle Time, SPI1_CLK, All Slave Modes
40(2)
256P
50(2)
256P
60(2)
256P
ns
10
tw(SPCH)S
Pulse Width High, SPI1_CLK, All Slave Modes
18
22
27
ns
11
tw(SPCL)S
Pulse Width Low, SPI1_CLK, All Slave Modes
18
22
27
ns
Polarity = 0, Phase = 0,
2P
2P
2P
to SPI1_CLK rising
Polarity = 0, Phase = 1,
Setup time, transmit data
2P
2P
2P
to SPI1_CLK rising
written to SPI before initial
12
tsu(SOMI_SPC)S
ns
clock edge from
Polarity = 1, Phase = 0,
2P
2P
2P
master.(3) (4)
to SPI1_CLK falling
Polarity = 1, Phase = 1,
2P
2P
2P
to SPI1_CLK falling
Polarity = 0, Phase = 0,
15
17
19
from SPI1_CLK rising
Polarity = 0, Phase = 1,
15
17
19
Delay, subsequent bits valid from SPI1_CLK falling
13
td(SPC_SOMI)S
on SPI1_SOMI after
ns
Polarity = 1, Phase = 0,
transmit edge of SPI1_CLK
15
17
19
from SPI1_CLK falling
Polarity = 1, Phase = 1,
15
17
19
from SPI1_CLK rising
Polarity = 0, Phase = 0,
0.5S-4
0.5S-10
0.5S-12
from SPI1_CLK falling
Polarity = 0, Phase = 1,
0.5S-4
0.5S-10
0.5S-12
Output hold time,
from SPI1_CLK rising
14
toh(SPC_SOMI)S
SPI1_SOMI valid after
ns
Polarity = 1, Phase = 0,
receive edge of SPI1_CLK
0.5S-4
0.5S-10
0.5S-12
from SPI1_CLK rising
Polarity = 1, Phase = 1,
0.5S-4
0.5S-10
0.5S-12
from SPI1_CLK falling
Polarity = 0, Phase = 0,
1.5
1.5
1.5
to SPI1_CLK falling
Polarity = 0, Phase = 1,
1.5
1.5
1.5
Input Setup Time,
to SPI1_CLK rising
15
tsu(SIMO_SPC)S
SPI1_SIMO valid before
ns
Polarity = 1, Phase = 0,
receive edge of SPI1_CLK
1.5
1.5
1.5
to SPI1_CLK rising
Polarity = 1, Phase = 1,
1.5
1.5
1.5
to SPI1_CLK falling
Polarity = 0, Phase = 0,
4
5
6
from SPI1_CLK falling
Polarity = 0, Phase = 1,
4
5
6
Input Hold Time,
from SPI1_CLK rising
16
tih(SPC_SIMO)S
SPI1_SIMO valid after
ns
Polarity = 1, Phase = 0,
receive edge of SPI1_CLK
4
5
6
from SPI1_CLK rising
Polarity = 1, Phase = 1,
4
5
6
from SPI1_CLK falling
(1)
P = SYSCLK2 period; S = tc(SPC)S (SPI slave bit clock period)
(2)
This timing is limited by the timing shown or 3P, whichever is greater.
(3)
First bit may be MSB or LSB depending upon SPI configuration. SO(0) refers to first bit and SO(n) refers to last bit output on
SPI1_SOMI. SI(0) refers to the first bit input and SI(n) refers to the last bit input on SPI1_SIMO.
(4)
Measured from the termination of the write of new data to the SPI module, In analyzing throughput requirements, additional internal bus
cycles must be accounted for to allow data to be written to the SPI module by the CPU.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
163
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com