Electronic Components Datasheet Search
  English  ▼

X  

AM1808AZCE4 Datasheet(PDF) 198 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 198 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 194Page - Texas Instruments AM1808AZCE4 Datasheet HTML 195Page - Texas Instruments AM1808AZCE4 Datasheet HTML 196Page - Texas Instruments AM1808AZCE4 Datasheet HTML 197Page - Texas Instruments AM1808AZCE4 Datasheet HTML 198Page - Texas Instruments AM1808AZCE4 Datasheet HTML 199Page - Texas Instruments AM1808AZCE4 Datasheet HTML 200Page - Texas Instruments AM1808AZCE4 Datasheet HTML 201Page - Texas Instruments AM1808AZCE4 Datasheet HTML 202Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 264 page
background image
LCD_AC_ENB_CS
LCD_PCLK
2
3
1
W_SU
(0 to 31)
W_STROBE
(1 to 63)
W_HOLD
(1 to 15)
CS_DELAY
(0 to 3)
R_SU
(0 to 31)
R_STROBE
(1 to 63)
R_HOLD
(1 to 15)
CS_DELAY
(0 to 3)
LCD_CLK
(SYSCLK2)
4
Write Data
5
14
16
17
15
Data[7:0]
Not Used
8
9
10
11
12
13
12
13
RS
R/W
E0
E1
LCD_D[15:0]
LCD_VSYNC
LCD_HSYNC
Read Status
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
6.24.1 LCD Interface Display Driver (LIDD Mode)
Table 6-108. Timing Requirements for LCD LIDD Mode
1.3V, 1.2V,
1.0V
1.1V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
16
tsu(LCD_D)
Setup time, LCD_D[15:0] valid before LCD_CLK (SYSCLK2) high
7
8
ns
17
th(LCD_D)
Hold time, LCD_D[15:0] valid after LCD_CLK (SYSCLK2) high
0
0
ns
Table 6-109. Switching Characteristics Over Recommended Operating Conditions for LCD LIDD Mode
1.3V, 1.2V,
1.0V
1.1V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
4
td(LCD_D_V)
Delay time, LCD_CLK (SYSCLK2) high to LCD_D[15:0] valid (write)
0
7
0
9
ns
5
td(LCD_D_I)
Delay time, LCD_CLK (SYSCLK2) high to LCD_D[15:0] invalid (write)
0
7
0
9
ns
6
td(LCD_E_A)
Delay time, LCD_CLK (SYSCLK2) high to LCD_AC_ENB_CS low
0
7
0
9
ns
7
td(LCD_E_I)
Delay time, LCD_CLK (SYSCLK2) high to LCD_AC_ENB_CS high
0
7
0
9
ns
8
td(LCD_A_A)
Delay time, LCD_CLK (SYSCLK2) high to LCD_VSYNC low
0
7
0
9
ns
9
td(LCD_A_I)
Delay time, LCD_CLK (SYSCLK2) high to LCD_VSYNC high
0
7
0
9
ns
10
td(LCD_W_A)
Delay time, LCD_CLK (SYSCLK2) high to LCD_HSYNC low
0
7
0
9
ns
11
td(LCD_W_I)
Delay time, LCD_CLK (SYSCLK2) high to LCD_HSYNC high
0
7
0
9
ns
12
td(LCD_STRB_A)
Delay time, LCD_CLK (SYSCLK2) high to LCD_PCLK high
0
7
0
9
ns
13
td(LCD_STRB_I)
Delay time, LCD_CLK (SYSCLK2) high to LCD_PCLK low
0
7
0
9
ns
14
td(LCD_D_Z)
Delay time, LCD_CLK (SYSCLK2) high to LCD_D[15:0] in 3-state
0
7
0
9
ns
15
td(Z_LCD_D)
Delay time, LCD_CLK (SYSCLK2) high to LCD_D[15:0] (valid from 3-state)
0
7
0
9
ns
Figure 6-52. Character Display HD44780 Write
198
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com