Electronic Components Datasheet Search
  English  ▼

X  

AM1808AZCE4 Datasheet(PDF) 236 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 236 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 232Page - Texas Instruments AM1808AZCE4 Datasheet HTML 233Page - Texas Instruments AM1808AZCE4 Datasheet HTML 234Page - Texas Instruments AM1808AZCE4 Datasheet HTML 235Page - Texas Instruments AM1808AZCE4 Datasheet HTML 236Page - Texas Instruments AM1808AZCE4 Datasheet HTML 237Page - Texas Instruments AM1808AZCE4 Datasheet HTML 238Page - Texas Instruments AM1808AZCE4 Datasheet HTML 239Page - Texas Instruments AM1808AZCE4 Datasheet HTML 240Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-125. eHRPWM Module Control and Status Registers Grouped by Submodule
eHRPWM0
eHRPWM1
BYTE ADDRESS
BYTE ADDRESS
ACRONYM
SHADOW
REGISTER DESCRIPTION
Time-Base Submodule Registers
0x01F0 0000
0x01F0 2000
TBCTL
No
Time-Base Control Register
0x01F0 0002
0x01F0 2002
TBSTS
No
Time-Base Status Register
0x01F0 0004
0x01F0 2004
TBPHSHR
No
Extension for HRPWM Phase Register (1)
0x01F0 0006
0x01F0 2006
TBPHS
No
Time-Base Phase Register
0x01F0 0008
0x01F0 2008
TBCNT
No
Time-Base Counter Register
0x01F0 000A
0x01F0 200A
TBPRD
Yes
Time-Base Period Register
Counter-Compare Submodule Registers
0x01F0 000E
0x01F0 200E
CMPCTL
No
Counter-Compare Control Register
0x01F0 0010
0x01F0 2010
CMPAHR
No
Extension for HRPWM Counter-Compare A Register (1)
0x01F0 0012
0x01F0 2012
CMPA
Yes
Counter-Compare A Register
0x01F0 0014
0x01F0 2014
CMPB
Yes
Counter-Compare B Register
Action-Qualifier Submodule Registers
0x01F0 0016
0x01F0 2016
AQCTLA
No
Action-Qualifier Control Register for Output A (eHRPWMxA)
0x01F0 0018
0x01F0 2018
AQCTLB
No
Action-Qualifier Control Register for Output B (eHRPWMxB)
0x01F0 001A
0x01F0 201A
AQSFRC
No
Action-Qualifier Software Force Register
0x01F0 001C
0x01F0 201C
AQCSFRC
Yes
Action-Qualifier Continuous S/W Force Register Set
Dead-Band Generator Submodule Registers
0x01F0 001E
0x01F0 201E
DBCTL
No
Dead-Band Generator Control Register
0x01F0 0020
0x01F0 2020
DBRED
No
Dead-Band Generator Rising Edge Delay Count Register
0x01F0 0022
0x01F0 2022
DBFED
No
Dead-Band Generator Falling Edge Delay Count Register
PWM-Chopper Submodule Registers
0x01F0 003C
0x01F0 203C
PCCTL
No
PWM-Chopper Control Register
Trip-Zone Submodule Registers
0x01F0 0024
0x01F0 2024
TZSEL
No
Trip-Zone Select Register
0x01F0 0028
0x01F0 2028
TZCTL
No
Trip-Zone Control Register
0x01F0 002A
0x01F0 202A
TZEINT
No
Trip-Zone Enable Interrupt Register
0x01F0 002C
0x01F0 202C
TZFLG
No
Trip-Zone Flag Register
0x01F0 002E
0x01F0 202E
TZCLR
No
Trip-Zone Clear Register
0x01F0 0030
0x01F0 2030
TZFRC
No
Trip-Zone Force Register
Event-Trigger Submodule Registers
0x01F0 0032
0x01F0 2032
ETSEL
No
Event-Trigger Selection Register
0x01F0 0034
0x01F0 2034
ETPS
No
Event-Trigger Pre-Scale Register
0x01F0 0036
0x01F0 2036
ETFLG
No
Event-Trigger Flag Register
0x01F0 0038
0x01F0 2038
ETCLR
No
Event-Trigger Clear Register
0x01F0 003A
0x01F0 203A
ETFRC
No
Event-Trigger Force Register
High-Resolution PWM (HRPWM) Submodule Registers
0x01F0 1020
0x01F0 3020
HRCNFG
No
HRPWM Configuration Register (1)
(1)
These registers are only available on eHRPWM instances that include the high-resolution PWM (HRPWM) extension; otherwise, these
locations are reserved.
236
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com