Electronic Components Datasheet Search
  English  ▼

X  

TL4242DRJR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL4242DRJR
Description  ADJUSTABLE LED DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL4242DRJR Datasheet(HTML) 1 Page - Texas Instruments

  TL4242DRJR Datasheet HTML 1Page - Texas Instruments TL4242DRJR Datasheet HTML 2Page - Texas Instruments TL4242DRJR Datasheet HTML 3Page - Texas Instruments TL4242DRJR Datasheet HTML 4Page - Texas Instruments TL4242DRJR Datasheet HTML 5Page - Texas Instruments TL4242DRJR Datasheet HTML 6Page - Texas Instruments TL4242DRJR Datasheet HTML 7Page - Texas Instruments TL4242DRJR Datasheet HTML 8Page - Texas Instruments TL4242DRJR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
FEATURES
1
2
3
4
8
7
6
5
DRJ (QFN) PACKAGE
(TOP VIEW)
I
NC
Q
D
PWM
ST
GND
REF
NC – No internal connection
Exposed
Thermal
Pad
DESCRIPTION/ORDERING INFORMATION
TL4242
www.ti.com .............................................................................................................................................................. SLVS641A – APRIL 2008 – REVISED MAY 2009
ADJUSTABLE LED DRIVER
• Adjustable Constant Current
up to 500 mA (±5%)
• Wide Input Voltage Range up to 42 V
• Low Drop Voltage
• Open-Load Detection
• Overtemperature Protection
• Short-Circuit Proof
• Reverse-Polarity Proof
• Wide Temperature Range: –40°C to 150°C
The TL4242 is an integrated adjustable constant-current source, driving loads up to 500 mA. The output current
level can be adjusted via an external resistor. The device is designed to supply high-power LEDs (for example,
OSRAM Dragon LA W57B) under the severe conditions of automotive applications, resulting in constant
brightness and extended LED lifetime. It is provided in the DRJ (QFN) package. Protection circuits prevent
damage to the device in case of overload, short circuit, reverse polarity, and overheat. The connected LEDs are
protected against reverse polarity as well as excess voltages up to 45 V.
The integrated PWM input of the TL4242 permits LED brightness regulation by pulse-width modulation (PWM).
Due to the high input impedance of the PWM input, the LED driver can be operated as a protected high-side
switch.
The TL4242 is characterized for operation from –40°C to 150°C.
An external shunt resistor in the ground path of the connected LEDs is used to sense the LED current. A
regulation loop holds the voltage drop at the shunt resistor at a constant level of 177 mV (typical). The
constant-current level can be adjusted by selecting the shunt resistance, RREF. Calculate the typical output
current using the equation:
IQ,typ = VREF/RREF
where VREF is the reference voltage (typically 177 mV) (see Reference Electrical Characteristics). The equation
applies for RREF = 0.39 Ω to 10 Ω.
The output current is shown as a function of the reference resistance in Figure 1. With the PWM input, the LED
brightness can be regulated via duty cycle. Also, PWM = L sets the TL4242 in sleep mode, resulting in a very
low current consumption of <1
µA (typical). Due to the high impedance of the PWM input (see Figure 4), the
PWM pin also can be used as an enable input.
ORDERING INFORMATION(1)
TJ
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 150°C
QFN – DRJ
Reel of 1000
TL4242DRJR
T4242
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL4242DRJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4242DRJR TI-TL4242DRJR Datasheet
550Kb / 14P
[Old version datasheet]   ADJUSTABLE LED DRIVER
TL4242DRJR TI-TL4242DRJR Datasheet
498Kb / 14P
[Old version datasheet]   ADJUSTABLE LED DRIVER
More results

Similar Description - TL4242DRJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4242 TI-TL4242_10 Datasheet
498Kb / 14P
[Old version datasheet]   ADJUSTABLE LED DRIVER
logo
Infineon Technologies A...
TLE4242G INFINEON-TLE4242G Datasheet
270Kb / 13P
   Adjustable LED Driver
Rev. 1.0, 2004-01-01
logo
Texas Instruments
TL4242QKTTRQ1 TI-TL4242QKTTRQ1 Datasheet
986Kb / 21P
[Old version datasheet]   ADJUSTABLE LED DRIVER
TL4242 TI-TL4242 Datasheet
550Kb / 14P
[Old version datasheet]   ADJUSTABLE LED DRIVER
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
   Adjustable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
   Adjustable Constant Current LED Driver
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM Datasheet
217Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.2, 2004-04-13
logo
Diodes Incorporated
AL5810Q DIODES-AL5810Q Datasheet
621Kb / 11P
   ADJUSTABLE 60V LINEAR LED DRIVER
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
logo
Shenzhen Huazhimei Semi...
HM7203 HMSEMI-HM7203 Datasheet
1Mb / 7P
   LED constant current adjustable driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com