Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 122 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 122 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 118Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 119Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 120Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 121Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 122Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 123Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 124Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 125Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 126Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
122
June 4, 2010
Timer/Counter Mode
To select this mode, bits TnAM1, TnAM0 and TnBM1,
TnBM0 in the TMnC1 and TMnC2 register should all be
set high. The Timer/Counter Mode operates in an identi-
cal way to the Compare Match Output Mode generating
the same interrupt flags. The exception is that in the
Timer/Counter Mode the TM output pin is not used.
Therefore the above description and Timing Diagrams
for the Compare Match Output Mode can be used to un-
derstand its function. As the TM output pin is not used in
this mode, the pin can be used as a normal I/O pin or
other pin-shared function.
PWM Output Mode
To select this mode, the required bit pairs, TnAM1,
TnAM0 and TnBM1, TnBM0 should be set to 10 respec-
tively and also the TnAIO1, TnAIO0 and TnBIO1,
TnBIO0 bits should be set to 10 respectively. The PWM
function within the TM is useful for applications which re-
quire functions such as motor control, heating control, il-
lumination control etc. By providing a signal of fixed
frequency but of varying duty cycle on the TM output pin,
a square wave AC waveform can be generated with
varying equivalent DC RMS values.
As both the period and duty cycle of the PWM waveform
can be controlled, the choice of generated waveform is
extremely flexible. In the PWM mode, the TnCCLR bit is
used to determine in which way the PWM period is con-
trolled. With the TnCCLR bit set high, the PWM period
can be finely controlled using the CCRA registers. In this
case the CCRB registers are used to set the PWM duty
value (for TPnB output pins). The CCRP bits are not used
and TPnA output pin is not used. The PWM output can
only be generated on the TPnB output pins. With the
TnCCLR bit cleared to zero, the PWM period is set using
one of the eight values of the three CCRP bits, in multi-
ples of 128. Now both CCRA and CCRB registers can be
used to setup different duty cycle values to provide dual
PWM outputs on their relative TPnA and TPnB pins.
The TnPWM1 and TnPWM0 bits determine the PWM
alignment type, which can be either edge or centre type.
In edge alignment, the leading edge of the PWM signals
will all be generated concurrently when the counter is re-
set to zero. With all power currents switching on at the
same time, this may give rise to problems in higher
power applications. In centre alignment the centre of the
PWM active signals will occur sequentially, thus reduc-
ing the level of simultaneous power switching currents.
Interrupt flags, one for each of the CCRA, CCRB and
CCRP, will be generated when a compare match occurs
from either the Comparator A, Comparator B or Com-
parator P. The TnAOC and TnBOC bits in the TMnC1 and
TMnC2 register are used to select the required polarity of
the PWM waveform while the two TnAIO1, TnAIO0 and
TnBIO1, TnBIO0 bits pairs are used to enable the PWM
output or to force the TM output pin to a fixed high or low
level. The TnAPOL and TnBPOL bit are used to reverse
the polarity of the PWM output waveform.
· ETM, PWM Mode, Edge-aligned Mode, TnCCLR=0
CCRP
001b
010b
011b
100b
101b
110b
111b
000b
Period
128
256
384
512
640
768
896
1024
A Duty
CCRA
B Duty
CCRB
· ETM, PWM Mode, Edge-aligned Mode, TnCCLR=1
CCRA
1
2
3
511
512
1021
1022
1023
Period
1
2
3
511
512
1021
1022
1023
B Duty
CCRB
· ETM, PWM Mode, Center-aligned Mode, TnCCLR=0
CCRP
001b
010b
011b
100b
101b
110b
111b
000b
Period
256
512
768
1024
1280
1536
1792
2046
A Duty
(CCRA
´2)-1
B Duty
(CCRB
´2)-1
· ETM, PWM Mode, Center-aligned Mode, TnCCLR=1
CCRA
1
2
3
511
512
1021
1022
1023
Period
2
4
6
1022
1024
2042
2044
2046
B Duty
(CCRB
´2)-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com