Electronic Components Datasheet Search
  English  ▼

X  

EM357-RTB Datasheet(PDF) 233 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 233 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 229Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 230Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 231Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 232Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 233Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 234Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 235Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 236Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 237Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 240 page
background image
EM351 / EM357
A-4
120-035X-000D
Preliminary
BLOCK
SERIAL
4000C000 - 4000CFFF Serial Controllers
Address
Name
Type
Reset
Description
4000C834
SC1_RXERRA
R
0
DMA First Receive Error Register A
4000C838
SC1_RXERRB
R
0
DMA First Receive Error Register B
4000C83C
SC1_DATA
RW
0
Serial Data Register
4000C840
SC1_SPISTAT
R
0
SPI Status Register
4000C844
SC1_TWISTAT
R
0
TWI Status Register
4000C848
SC1_UARTSTAT
R
40
UART Status Register
4000C84C
SC1_TWICTRL1
RW
0
TWI Control Register 1
4000C850
SC1_TWICTRL2
RW
0
TWI Control Register 2
4000C854
SC1_MODE
RW
0
Serial Mode Register
4000C858
SC1_SPICFG
RW
0
SPI Configuration Register
4000C85C
SC1_UARTCFG
RW
0
UART Configuration Register
4000C860
SC1_RATELIN
RW
0
Serial Clock Linear Prescaler Register
4000C864
SC1_RATEEXP
RW
0
Serial Clock Exponential Prescaler Register
4000C868
SC1_UARTPER
RW
0
UART Baud Rate Period Register
4000C86C
SC1_UARTFRAC
RW
0
UART Baud Rate Fractional Period Register
4000C870
SC1_RXCNTSAVED
R
0
Saved Receive DMA Count Register
BLOCK
ADC
4000D000 - 4000DFFF Analog to Digital Converter
Address
Name
Type
Reset
Description
4000D000
ADC_DATA
R
0
ADC Data Register
4000D004
ADC_CFG
RW
00001800
ADC Configuration Register
4000D008
ADC_OFFSET
RW
0000
ADC Offset Register
4000D00C
ADC_GAIN
RW
8000
ADC Gain Register
4000D010
ADC_DMACFG
RW
0
ADC DMA Configuration Register
4000D014
ADC_DMASTAT
R
0
ADC DMA Status Register
4000D018
ADC_DMABEG
RW
20000000
ADC DMA Begin Address Register
4000D01C
ADC_DMASIZE
RW
0
ADC DMA Buffer Size Register
4000D020
ADC_DMACUR
R
20000000
ADC DMA Current Address Register
4000D024
ADC_DMACNT
R
0
ADC DMA Count Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com