Electronic Components Datasheet Search
  English  ▼

X  

PIC16F882 Datasheet(PDF) 296 Page - Microchip Technology

Part # PIC16F882
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F882 Datasheet(HTML) 296 Page - Microchip Technology

Back Button PIC16F882 Datasheet HTML 292Page - Microchip Technology PIC16F882 Datasheet HTML 293Page - Microchip Technology PIC16F882 Datasheet HTML 294Page - Microchip Technology PIC16F882 Datasheet HTML 295Page - Microchip Technology PIC16F882 Datasheet HTML 296Page - Microchip Technology PIC16F882 Datasheet HTML 297Page - Microchip Technology PIC16F882 Datasheet HTML 298Page - Microchip Technology PIC16F882 Datasheet HTML 299Page - Microchip Technology PIC16F882 Datasheet HTML 300Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 328 page
background image
PIC16F882/883/884/886/887
DS41291F-page 294
© 2009 Microchip Technology Inc.
FIGURE 18-42:
TYPICAL HFINTOSC FREQUENCY CHANGE vs. VDD (-40°C)
FIGURE 18-43:
TYPICAL VP6 REFERENCE VOLTAGE vs. VDD (25°C)
-5
-4
-3
-2
-1
0
1
2
3
4
5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
VP6 Reference Voltage vs. VDD (25×C)
0.55
0.56
0.57
0.58
0.59
0.60
0.61
0.62
0.63
0.64
0.65
23
45
5.5
VDD (V)
Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com