Electronic Components Datasheet Search
  English  ▼

X  

TL4242 Datasheet(PDF) 6 Page - Texas Instruments

Part # TL4242
Description  ADJUSTABLE LED DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL4242 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL4242_10 Datasheet HTML 2Page - Texas Instruments TL4242_10 Datasheet HTML 3Page - Texas Instruments TL4242_10 Datasheet HTML 4Page - Texas Instruments TL4242_10 Datasheet HTML 5Page - Texas Instruments TL4242_10 Datasheet HTML 6Page - Texas Instruments TL4242_10 Datasheet HTML 7Page - Texas Instruments TL4242_10 Datasheet HTML 8Page - Texas Instruments TL4242_10 Datasheet HTML 9Page - Texas Instruments TL4242_10 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
APPLICATION INFORMATION
100 nF
Q
SI
RO
I
GND
RADJ
D
10 µF
10 k
ST
PWM
GND
D
47 nF
Q
REF
VBAT
RREF
LED
Dragon
I
Microcontroller
0.47
0.25 W
TL4242
TL4242
SLVS641A – APRIL 2008 – REVISED MAY 2009 .............................................................................................................................................................. www.ti.com
Figure 5 shows a typical application with the TL4242 LED driver. The three LEDs are driven by a supply current
that is adjusted by the resistor, RREF, preventing brightness variations due to forward voltage spread of the LEDs.
The luminosity spread arising from the LED production process can be compensated via software by an
appropriate duty cycle applied to the PWM pin. Therefore, it is not necessary to select LEDs for forward voltage
or luminosity classes. The minimum supply voltage calculates as the sum of the LED forward voltages, the
TL4242 drop voltage (maximum 0.7 V at a LED current of 300 mA) and the maximum voltage drop at the shunt
resistor RREF of 185 mV (max).
Figure 5. Application Circuit
The status output of the LED driver (ST) detects an open-load condition, enabling supervision of correct LED
operation. An LED failure is detected as a voltage drop at the shunt resistor (RREF) below 25 mV (typ). In this
case, the status output pin (ST) is set low after a delay time adjustable by an optional capacitor connected to
pin D.
The functionality and timing of ST and PWM are shown in Figure 6. The status delay can be adjusted via the
capacitor connected to pin D. Delay time scales linearly with capacitance, CD:
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated


Similar Part No. - TL4242_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4242-Q1 TI-TL4242-Q1 Datasheet
986Kb / 21P
[Old version datasheet]   ADJUSTABLE LED DRIVER
TL4242DRJR TI-TL4242DRJR Datasheet
550Kb / 14P
[Old version datasheet]   ADJUSTABLE LED DRIVER
TL4242DRJR TI-TL4242DRJR Datasheet
555Kb / 14P
[Old version datasheet]   ADJUSTABLE LED DRIVER
TL4242QKTTRQ1 TI-TL4242QKTTRQ1 Datasheet
986Kb / 21P
[Old version datasheet]   ADJUSTABLE LED DRIVER
TL4242TDRJRQ1 TI-TL4242TDRJRQ1 Datasheet
986Kb / 21P
[Old version datasheet]   ADJUSTABLE LED DRIVER
More results

Similar Description - TL4242_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4242G INFINEON-TLE4242G Datasheet
270Kb / 13P
   Adjustable LED Driver
Rev. 1.0, 2004-01-01
logo
Texas Instruments
TL4242QKTTRQ1 TI-TL4242QKTTRQ1 Datasheet
986Kb / 21P
[Old version datasheet]   ADJUSTABLE LED DRIVER
TL4242 TI-TL4242 Datasheet
550Kb / 14P
[Old version datasheet]   ADJUSTABLE LED DRIVER
TL4242 TI-TL4242_09 Datasheet
555Kb / 14P
[Old version datasheet]   ADJUSTABLE LED DRIVER
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
   Adjustable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
   Adjustable Constant Current LED Driver
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM Datasheet
217Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.2, 2004-04-13
logo
Diodes Incorporated
AL5810Q DIODES-AL5810Q Datasheet
621Kb / 11P
   ADJUSTABLE 60V LINEAR LED DRIVER
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
logo
Shenzhen Huazhimei Semi...
HM7203 HMSEMI-HM7203 Datasheet
1Mb / 7P
   LED constant current adjustable driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com