Electronic Components Datasheet Search
  English  ▼

X  

10700475 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 10700475
Description  TOUCH SCREEN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

10700475 Datasheet(HTML) 1 Page - Schurter Inc.

  10700475 Datasheet HTML 1Page - Schurter Inc. 10700475 Datasheet HTML 2Page - Schurter Inc. 10700475 Datasheet HTML 3Page - Schurter Inc. 10700475 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Changes that contribute to technical improvement are subject to alternations
2006
Datum
Name
Bearb.
18.08.
Maurer
TOUCH SCREEN
Gepr.
18.08
Maurer
15,0", 5-Wire
Vert.
AMT-02513-A1
EDV-Datasheet
SPECIFICATIONS OF ANALOG RESISTIVE
PET-ON-GLASS TOUCH SCREEN
don’t change manually
Manufactured by Apex Material Technology Corp.
H
1070.0475
Zu Änd.
Datum
Name
D 79346 Endingen
page 1 of 4
Index: -
Analog 5-wire PET-On-Glass Touch Screen Specification
1. Mechanical Dimensions and Construction
1.1 General: Analog Resistive touch screen is laminated by ITO PET to ITO glass.
1.2 Construction:
Item Description
Material
Remarks
1
ITO PET
(Top layer)
New designed printing
0.188mm ITO PET
Film
Antiglare coating
Surface hardness: 3H
Resistance:300~600Ω/□
2
ITO Patterned Glass (Bottom layer)
New designed printing
2.8 mm ITO Glass Resistance:300~900Ω/□
3
Tail Base
Kapton
Separated Tail
4
Tail cover lay
Kapton
5
Connector
AMP compatible
2,54mm
6
Top layer circuit
Silver ink
7
Bottom layer circuit
Silver ink
8
Layer to layer contacted
Silver ink
9
Dot spacer
UV Cure ink
10 Isolation Layer
Isolation Adhesive
11 Glue
UV Glue
12 Preserve pet
PET Film
Touch screen side view:


Similar Part No. - 10700475

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
10700470 SCHURTER-10700470 Datasheet
222Kb / 5P
TOUCHSCREEN
10700471 SCHURTER-10700471 Datasheet
222Kb / 5P
TOUCHSCREEN
10700472 SCHURTER-10700472 Datasheet
222Kb / 5P
TOUCHSCREEN
10700474 SCHURTER-10700474 Datasheet
188Kb / 4P
TOUCH SCREEN
10700476 SCHURTER-10700476 Datasheet
188Kb / 4P
TOUCHSCREEN
More results

Similar Description - 10700475

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
TOUCH SCREEN CONTROLLER
logo
Power Systems GmbH+Co.K...
F1-05811APA-G0 POWER-SYSTEMS-F1-05811APA-G0 Datasheet
246Kb / 2P
TOUCH SCREEN
logo
Schurter Inc.
10700451 SCHURTER-10700451 Datasheet
145Kb / 4P
TOUCH SCREEN
10700453 SCHURTER-10700453 Datasheet
221Kb / 4P
TOUCH SCREEN
10700456 SCHURTER-10700456 Datasheet
118Kb / 4P
TOUCH SCREEN
10700461 SCHURTER-10700461 Datasheet
197Kb / 5P
TOUCH SCREEN
10700464 SCHURTER-10700464 Datasheet
199Kb / 5P
TOUCH SCREEN
10700467 SCHURTER-10700467 Datasheet
199Kb / 5P
TOUCH SCREEN
10700469 SCHURTER-10700469 Datasheet
236Kb / 4P
TOUCH SCREEN
10700474 SCHURTER-10700474 Datasheet
188Kb / 4P
TOUCH SCREEN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com