Electronic Components Datasheet Search
  English  ▼

X  

10700475 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 10700475
Description  TOUCH SCREEN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

10700475 Datasheet(HTML) 2 Page - Schurter Inc.

  10700475 Datasheet HTML 1Page - Schurter Inc. 10700475 Datasheet HTML 2Page - Schurter Inc. 10700475 Datasheet HTML 3Page - Schurter Inc. 10700475 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Changes that contribute to technical improvement are subject to alternations
2006
Datum
Name
Bearb.
18.08.
Maurer
TOUCH SCREEN
Gepr.
18.08
Maurer
15,0", 5-Wire
Vert.
AMT-02513-A1
EDV-Datasheet
SPECIFICATIONS OF ANALOG RESISTIVE
PET-ON-GLASS TOUCH SCREEN
don’t change manually
Manufactured by Apex Material Technology Corp.
H
1070.0475
Zu Änd.
Datum
Name
D 79346 Endingen
page 2 of 4
Index: -
1.3 Input Method and Activation Force
2. Typical Optical Characteristics
2.1
Visible Light Transmission:
> 80%
2.2
Haze:
< 13%
3. Electrical Specifications
3.1
Operating Voltage:
5.5V or less
3.2
Contact current:
20mA (maximum)
3.3
Circuit close resistance:
20~300Ω
3.4
Circuit open resistance:
> 10MΩ at 25VDC
3.5
Contact bounce:
< 15ms
3.6
Linearity Specifications:
The linearity specifications are based on Hampshire or
PenMount touch screen controllers and drivers to define.
3.6.1 Inner Active Area :
10 mm inside of X and Y active area dimensions.
Perimeter of Active Area :
The area 10 mm inside of X and Y active area dimensions.
Input Method
Average Activation Force
16mm dia. Silicon "finger"
Less than 1.00 N


Similar Part No. - 10700475

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
10700470 SCHURTER-10700470 Datasheet
222Kb / 5P
TOUCHSCREEN
10700471 SCHURTER-10700471 Datasheet
222Kb / 5P
TOUCHSCREEN
10700472 SCHURTER-10700472 Datasheet
222Kb / 5P
TOUCHSCREEN
10700474 SCHURTER-10700474 Datasheet
188Kb / 4P
TOUCH SCREEN
10700476 SCHURTER-10700476 Datasheet
188Kb / 4P
TOUCHSCREEN
More results

Similar Description - 10700475

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
TOUCH SCREEN CONTROLLER
logo
Power Systems GmbH+Co.K...
F1-05811APA-G0 POWER-SYSTEMS-F1-05811APA-G0 Datasheet
246Kb / 2P
TOUCH SCREEN
logo
Schurter Inc.
10700451 SCHURTER-10700451 Datasheet
145Kb / 4P
TOUCH SCREEN
10700453 SCHURTER-10700453 Datasheet
221Kb / 4P
TOUCH SCREEN
10700456 SCHURTER-10700456 Datasheet
118Kb / 4P
TOUCH SCREEN
10700461 SCHURTER-10700461 Datasheet
197Kb / 5P
TOUCH SCREEN
10700464 SCHURTER-10700464 Datasheet
199Kb / 5P
TOUCH SCREEN
10700467 SCHURTER-10700467 Datasheet
199Kb / 5P
TOUCH SCREEN
10700469 SCHURTER-10700469 Datasheet
236Kb / 4P
TOUCH SCREEN
10700474 SCHURTER-10700474 Datasheet
188Kb / 4P
TOUCH SCREEN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com