Electronic Components Datasheet Search
  English  ▼

X  

0877601818 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0877601818
Description  2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 18 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray, Lead-free
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0877601818 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0877601818 Datasheet HTML 1Page - Molex Electronics Ltd. 0877601818 Datasheet HTML 2Page - Molex Electronics Ltd. 0877601818 Datasheet HTML 3Page - Molex Electronics Ltd. 0877601818 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 0877601818

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877601816 MOLEX10-0877601816 Datasheet
172Kb / 4P
2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 18 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877601817 MOLEX10-0877601817 Datasheet
172Kb / 4P
2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 18 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Tray, Lead-free
More results

Similar Description - 0877601818

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877601618 MOLEX10-0877601618 Datasheet
172Kb / 3P
2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 16 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray, Lead-free
0877601268 MOLEX10-0877601268 Datasheet
103Kb / 3P
2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, 12 Circuits, 2.54關m (100關) Tin (Sn) over Nickel Plating, Tray, Lead-free
0877603618 MOLEX10-0877603618 Datasheet
171Kb / 4P
2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 36 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray, Lead-free
0877602618 MOLEX10-0877602618 Datasheet
172Kb / 4P
2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 26 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray, Lead-free
0877602218 MOLEX10-0877602218 Datasheet
172Kb / 4P
2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 22 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray, Lead-free
0877602638 MOLEX10-0877602638 Datasheet
172Kb / 4P
2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 26 Circuits, 2.54關m (100關) Tin (Sn) Plating, Mating Pin Length: 3.06mm (.120), Tray, Lead-free
0877602418 MOLEX10-0877602418 Datasheet
172Kb / 4P
2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 24 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray, Lead-free
0877600838 MOLEX10-0877600838 Datasheet
166Kb / 4P
2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 8 Circuits, 2.54關m (100關) Tin (Sn) Plating, Mating Pin Length: 3.06mm (.120), Tray, Lead-free
0877601218 MOLEX10-0877601218 Datasheet
172Kb / 4P
2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 12 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray, Lead-free
0877600818 MOLEX10-0877600818 Datasheet
166Kb / 4P
2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 8 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray, Lead-free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com