Electronic Components Datasheet Search
  English  ▼

X  

0877601818 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0877601818
Description  2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 18 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray, Lead-free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0877601818 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0877601818 Datasheet HTML 1Page - Molex Electronics Ltd. 0877601818 Datasheet HTML 2Page - Molex Electronics Ltd. 0877601818 Datasheet HTML 3Page - Molex Electronics Ltd. 0877601818 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0877601818
Status:
Active
Overview:
milligrid
Description:
2.00mm (.079") Pitch Milli-Grid™ Header, Right Angle, Through Hole, 18 Circuits,
2.54µm (100µ) Tin (Sn) Plating, Tray, Lead-free
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
87760
Application
Board-to-Board, Wire-to-Board
Comments
Lead-free version of 87049 series
Overview
milligrid
Product Name
Milli-Grid™
Physical
Breakaway
No
Circuits (Loaded)
18
Circuits (maximum)
18
Color - Resin
Black
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Mated Height (in)
0.157 In
Mated Height (mm)
4.00 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Nickel
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.102 In
PC Tail Length (mm)
2.60 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
101.6
Plating min: Mating (µm)
2.54
Plating min: Termination (µin)
50
Plating min: Termination (µm)
1.27
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87760Series
Mates With
79107 Milli-Grid™ Receptacle, Vertical,
Through Hole. 79108 Milli-Grid™ Flex-to-
Board, Vertical Receptacle. Milli-Grid™
Receptacle, Surface Mount. 79109. 87381


Similar Part No. - 0877601818

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877601816 MOLEX10-0877601816 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 18 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877601817 MOLEX10-0877601817 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 18 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Tray, Lead-free
More results

Similar Description - 0877601818

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877602618 MOLEX10-0877602618 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 26 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray, Lead-free
0877602418 MOLEX10-0877602418 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 24 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray, Lead-free
0877600818 MOLEX10-0877600818 Datasheet
166Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 8 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray, Lead-free
0877603618 MOLEX10-0877603618 Datasheet
171Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 36 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray, Lead-free
0877601218 MOLEX10-0877601218 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 12 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray, Lead-free
0877602218 MOLEX10-0877602218 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 22 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray, Lead-free
0877601618 MOLEX10-0877601618 Datasheet
172Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 16 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray, Lead-free
0877601268 MOLEX10-0877601268 Datasheet
103Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, 12 Circuits, 2.54關m (100關) Tin (Sn) over Nickel Plating, Tray, Lead-free
0877600838 MOLEX10-0877600838 Datasheet
166Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 8 Circuits, 2.54關m (100關) Tin (Sn) Plating, Mating Pin Length: 3.06mm (.120), Tray, Lead-free
0877602638 MOLEX10-0877602638 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 26 Circuits, 2.54關m (100關) Tin (Sn) Plating, Mating Pin Length: 3.06mm (.120), Tray, Lead-free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com