Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM3 Datasheet(PDF) 160 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 160 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 156Page - ATMEL Corporation AT90PWM3 Datasheet HTML 157Page - ATMEL Corporation AT90PWM3 Datasheet HTML 158Page - ATMEL Corporation AT90PWM3 Datasheet HTML 159Page - ATMEL Corporation AT90PWM3 Datasheet HTML 160Page - ATMEL Corporation AT90PWM3 Datasheet HTML 161Page - ATMEL Corporation AT90PWM3 Datasheet HTML 162Page - ATMEL Corporation AT90PWM3 Datasheet HTML 163Page - ATMEL Corporation AT90PWM3 Datasheet HTML 164Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 361 page
background image
160
4317J–AVR–08/10
AT90PWM2/3/2B/3B
16.24 Interrupts
This section de scribes the specifics of the interr up t handling as performed in
AT90PWM2/2B/3/3B.
16.24.1
List of Interrupt Vector
Each PSC provides 2 interrupt vectors
•
PSCn EC (End of Cycle): When enabled and when a match with OCRnRB occurs
•
PSCn CAPT (Capture Event): When enabled and one of the two following events occurs :
retrigger, capture of the PSC counter or Synchro Error.
16.26.216.26.2See PSCn Interrupt Mask Register page 170 and PSCn Interrupt Flag Register
page 171
.
16.24.2
PSC Interrupt Vectors in AT90PWM2/2B/3/3B
Table 16-9.
Output Clock versus Selection and Prescaler
PCLKSELn
PPREn1
PPREn0
CLKPSCn output
AT90PWM2/3
CLKPSCn output
AT90PWM2B/3B
0
0
0
CLK I/O
CLK I/O
0
0
1
CLK I/O / 4
CLK I/O / 4
0
1
0
CLK I/O / 16
CLK I/O / 32
0
1
1
CLK I/O / 64
CLK I/O / 256
10
0CLK PLL
CLK PLL
1
0
1
CLK PLL / 4
CLK PLL / 4
1
1
0
CLK PLL / 16
CLK PLL / 32
1
1
1
CLK PLL / 64
CLK PLL / 256
Table 16-10. PSC Interrupt Vectors
Vector
No.
Program
Address
Source
Interrupt Definition
--
-
-
2
0x0001
PSC2 CAPT
PSC2 Capture Event or Synchronization Error
3
0x0002
PSC2 EC
PSC2 End Cycle
4
0x0003
PSC1 CAPT
PSC1 Capture Event or Synchronization Error
5
0x0004
PSC1 EC
PSC1 End Cycle
6
0x0005
PSC0 CAPT
PSC0 Capture Event or Synchronization Error
7
0x0006
PSC0 EC
PSC0 End Cycle
--
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com