Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM3 Datasheet(PDF) 172 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 172 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 168Page - ATMEL Corporation AT90PWM3 Datasheet HTML 169Page - ATMEL Corporation AT90PWM3 Datasheet HTML 170Page - ATMEL Corporation AT90PWM3 Datasheet HTML 171Page - ATMEL Corporation AT90PWM3 Datasheet HTML 172Page - ATMEL Corporation AT90PWM3 Datasheet HTML 173Page - ATMEL Corporation AT90PWM3 Datasheet HTML 174Page - ATMEL Corporation AT90PWM3 Datasheet HTML 175Page - ATMEL Corporation AT90PWM3 Datasheet HTML 176Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 361 page
background image
172
4317J–AVR–08/10
AT90PWM2/3/2B/3B
This feature is useful to detect that a PSC output doesn’t change due to a freezen external input
signal.
• Bit 5 – PSEIn : PSC n Synchro Error Interrupt
This bit is set by hardware when the update (or end of PSC cycle) of the PSCn configured in
auto run (PARUNn = 1) does not occur at the same time than the PSCn-1 which has generated
the input run signal. (For PSC0, PSCn-1 is PSC2).
Must be cleared by software by writing a one to its location.
This feature is useful to detect that a PSC doesn’t run at the same speed or with the same phase
than the PSC master.
• Bit 4 – PEVnB : PSC n External Event B Interrupt
This bit is set by hardware when an external event which can generates a capture or a retrigger
from Retrigger/Fault block B occurs.
Must be cleared by software by writing a one to its location.
This bit can be read even if the corresponding interrupt is not enabled (PEVEnB bit = 0).
• Bit 3 – PEVnA : PSC n External Event A Interrupt
This bit is set by hardware when an external event which can generates a capture or a retrigger
from Retrigger/Fault block A occurs.
Must be cleared by software by writing a one to its location.
This bit can be read even if the corresponding interrupt is not enabled (PEVEnA bit = 0).
• Bit 2:1 – PRNn1:0 : PSC n Ramp Number
Memorization of the ramp number when the last PEVnA or PEVnB occured.
• Bit 0 – PEOPn: End Of PSC n Interrupt
This bit is set by hardware when PSC n achieves its whole cycle.
Must be cleared by software by writing a one to its location.
Table 16-18. PSC n Ramp Number Description
PRNn1
PRNn0
Description
0
0
The last event which has generated an interrupt occured during ramp 1
0
1
The last event which has generated an interrupt occured during ramp 2
1
0
The last event which has generated an interrupt occured during ramp 3
1
1
The last event which has generated an interrupt occured during ramp 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com