Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM3 Datasheet(PDF) 212 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 212 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 208Page - ATMEL Corporation AT90PWM3 Datasheet HTML 209Page - ATMEL Corporation AT90PWM3 Datasheet HTML 210Page - ATMEL Corporation AT90PWM3 Datasheet HTML 211Page - ATMEL Corporation AT90PWM3 Datasheet HTML 212Page - ATMEL Corporation AT90PWM3 Datasheet HTML 213Page - ATMEL Corporation AT90PWM3 Datasheet HTML 214Page - ATMEL Corporation AT90PWM3 Datasheet HTML 215Page - ATMEL Corporation AT90PWM3 Datasheet HTML 216Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 361 page
background image
212
4317J–AVR–08/10
AT90PWM2/3/2B/3B
The frame format used by the EUSART can be configured th rough the fo llowing
USART/EUSART registers:
•
UTxS3:0 and URxS3:0 (EUCSRA of EUSART register) select the number of data bits per
frame
•
UPM1:0 bits enable and set the type of parity bit (when configured in Manchester mode, the
parity should be fixed to none).
USBS (UCSRC register of USART) and EUSBS (EUCSRB register of EUSART) select the num-
ber of stop bits to be processed respectively by the transmiter and the receiver. The receiver
stores the two stop bit values when configured in Manchester mode. When configured in level
encoded mode, the second stop bit is ignored (behavior similar as the USART).
19.3.2
Parity Bit Calculation
The parity bit behavior is similar to the USART mode, except for the Manchester encoded mode,
where no parity bit can be inserted or detected (should be configured to none with the
UPM1:0
bits. The parity bit is calculated by doing an exclusive-or of all the data bits. If odd parity is used,
the result of the exclusive or is inverted. The relation between the parity bit and data bits is as
follows:
P
even
Parity bit using even parity
P
odd
Parity bit using odd parity
d
n
Data bit n of the character
If used, the parity bit is located between the last data bit and first stop bit of a serial frame.
19.3.3
Manchester encoding
Manchester encoding (also know as Biphase Code) is a synchronous clock encoding technique
used to encode the clock and data of a synchronous bit stream. In this technique, the actual
binary data to be transmitted are not sent as a sequence of logic 1's and 0's as in level encoded
way as in standard USART (known technically as Non Return to Zero (NRZ)). Instead, the bits
are translated into a slightly different format that has a number of advantages over using straight
binary encoding (i.e. NRZ).
Manchester encoding follows the rules:
•
If the original data is a Logic 1, the Manchester code is: 0 to 1 (upward transition at bit
center)
•
If the original data is a Logic 0, the Manchester code is: 1 to 0 (downward transition at bit
center)
Figure 19-2. Manchester Bi-phase levels
Peven
dn 1
–
…
d
3
d
2
d
1
d
0
0
Podd
⊕
⊕⊕⊕⊕⊕
dn 1
–
…
d
3
d
2
d
1
d
0
1
⊕
⊕⊕⊕⊕⊕
=
=
Logical 0
Logical 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com