Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM3 Datasheet(PDF) 319 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 319 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 315Page - ATMEL Corporation AT90PWM3 Datasheet HTML 316Page - ATMEL Corporation AT90PWM3 Datasheet HTML 317Page - ATMEL Corporation AT90PWM3 Datasheet HTML 318Page - ATMEL Corporation AT90PWM3 Datasheet HTML 319Page - ATMEL Corporation AT90PWM3 Datasheet HTML 320Page - ATMEL Corporation AT90PWM3 Datasheet HTML 321Page - ATMEL Corporation AT90PWM3 Datasheet HTML 322Page - ATMEL Corporation AT90PWM3 Datasheet HTML 323Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 361 page
background image
319
4317J–AVR–08/10
AT90PWM2/3/2B/3B
Figure 27-16. I/O Pin Source Current vs. Output Voltage (V
CC = 2.7V)
Figure 27-17. I/O Pin Sink Current vs. Output Voltage (V
CC = 5V)
I/O PIN (including PE1 & PE2) SOURCE CURRENT vs. OUTPUT VOLTAGE
Vcc = 2.7 V
105 °C 85 °C
25 °C -40 °C
0
5
10
15
20
25
0
0,5
1
1,5
2
2,5
3
V
OH (V )
I/O PIN (including PE1 & PE2) SINK CURRENT vs. OUTPUT VOLTAGE
Vcc = 5.0 V
105 °C
85 °C
25 °C
-40 °C
-5
0
5
10
15
20
25
0
0,2
0,4
0,6
0,8
1
V
OL (V )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com