Electronic Components Datasheet Search
  English  ▼

X  

PT6955 Datasheet(PDF) 19 Page - Princeton Technology Corp

Part # PT6955
Description  LED Driver IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6955 Datasheet(HTML) 19 Page - Princeton Technology Corp

Back Button PT6955_10 Datasheet HTML 11Page - Princeton Technology Corp PT6955_10 Datasheet HTML 12Page - Princeton Technology Corp PT6955_10 Datasheet HTML 13Page - Princeton Technology Corp PT6955_10 Datasheet HTML 14Page - Princeton Technology Corp PT6955_10 Datasheet HTML 15Page - Princeton Technology Corp PT6955_10 Datasheet HTML 16Page - Princeton Technology Corp PT6955_10 Datasheet HTML 17Page - Princeton Technology Corp PT6955_10 Datasheet HTML 18Page - Princeton Technology Corp PT6955_10 Datasheet HTML 19Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6955 V1.5
- 19 -
June, 2005
LED Driver IC
PT6955
Notes:
1. Dimensioning and tolerancing per ANSI Y 14.5-1982.
2. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold Flash,
protrusion or gate burrs shall not exceed 0.15mm (0.006 in)per side.
3. Dimension “E” does not include interlead flash protrusions. Interlead flash or protrusions shall not
exceed 0.25 mm (0.010 in) per side.
4. The chamfer on the body is optional. It is not present, a visual index feature must be located within
the crosshatched area.
5. “L” is the length of the terminal for soldering to a substrate.
6. “N” is the number of terminal position. (N=24)
7. The lead width “B” as measured 0.36 mm (0.014 in) or greater above the seating plane, shall not
exceed a maximum value of 0.61mm (0.24 in).
8. Controlling dimension: MILLIMETER.
9. Refer to JEDEC MS-013, Variation AD.
JEDEC is the trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.


Similar Part No. - PT6955_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6955 PTC-PT6955 Datasheet
25Kb / 3P
LED Driver IC
More results

Similar Description - PT6955_10

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Princeton Technology Co...
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com