Electronic Components Datasheet Search
  English  ▼

X  

PT6955 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT6955
Description  LED Driver IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6955 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT6955_10 Datasheet HTML 1Page - Princeton Technology Corp PT6955_10 Datasheet HTML 2Page - Princeton Technology Corp PT6955_10 Datasheet HTML 3Page - Princeton Technology Corp PT6955_10 Datasheet HTML 4Page - Princeton Technology Corp PT6955_10 Datasheet HTML 5Page - Princeton Technology Corp PT6955_10 Datasheet HTML 6Page - Princeton Technology Corp PT6955_10 Datasheet HTML 7Page - Princeton Technology Corp PT6955_10 Datasheet HTML 8Page - Princeton Technology Corp PT6955_10 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6955 V1.5
- 4 -
June, 2005
LED Driver IC
PT6955
PIN CONFIGURATION
PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
OSC
I
Oscillator Input Pin
A resistor is connected to this pin to determine
the oscillation frequency
1
DIN
I
Data Input Pin
This pin inputs serial data at the rising edge of the
shift clock (starting from the lower bit)
2
CLK
I
Clock Input Pin
This pin reads serial data at the rising edge.
3
STB
I
Serial Interface Strobe Pin
The data input after the STB has fallen is processed
as a command. When this pin is "HIGH", CLK is ignored.
4
VDD
-
Power Supply
5, 18
SG1 ~ SG9
O
Segment Output Pins
(p-channel, open drain)
6 ~ 14
SG10/GR7 ~ SG12/GR5
O
Segment Output Pin/Grid Output Pin
(CMOS Output)
15 ~ 17
GND
-
Ground Pin
19, 24
GR4 ~ GR1
O
Grid Output Pins (n-channel, open drain)
20 ~ 23


Similar Part No. - PT6955_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6955 PTC-PT6955 Datasheet
25Kb / 3P
LED Driver IC
More results

Similar Description - PT6955_10

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Princeton Technology Co...
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com