Electronic Components Datasheet Search
  English  ▼

X  

PT6955 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT6955
Description  LED Driver IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6955 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT6955_10 Datasheet HTML 2Page - Princeton Technology Corp PT6955_10 Datasheet HTML 3Page - Princeton Technology Corp PT6955_10 Datasheet HTML 4Page - Princeton Technology Corp PT6955_10 Datasheet HTML 5Page - Princeton Technology Corp PT6955_10 Datasheet HTML 6Page - Princeton Technology Corp PT6955_10 Datasheet HTML 7Page - Princeton Technology Corp PT6955_10 Datasheet HTML 8Page - Princeton Technology Corp PT6955_10 Datasheet HTML 9Page - Princeton Technology Corp PT6955_10 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6955 V1.5
- 6 -
June, 2005
LED Driver IC
PT6955
COMMAND 2: DATA SETTING COMMANDS
The Data Setting Commands executes the Data Write Mode for PT6955. The Data Setting Command,
the bits 5 and 6 (b4, b5) are ignored, bit 7 (b6) is given the value of “1” while bit 8 (b7) is given the value
of “0”. Please refer to the diagram below.
When power is turned ON, bit 4 to bit 1 (b3 to b0) are given the value of “0”.
MSB
LSB
0
1
-
-
b3 b2 b1 b0
Not Relevant
Data Write Mode Settings:
00: Write Data to Display Mode
Address Increment Mode Settings (Display Mode)
0: Increment Address after Data has been Written
1: Fixed Address
Mode Settings:
0: Normal Operation Mode
1: Test Mode


Similar Part No. - PT6955_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6955 PTC-PT6955 Datasheet
25Kb / 3P
   LED Driver IC
More results

Similar Description - PT6955_10

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com