Electronic Components Datasheet Search
  English  ▼

X  

PT6955 Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT6955
Description  LED Driver IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6955 Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT6955_10 Datasheet HTML 3Page - Princeton Technology Corp PT6955_10 Datasheet HTML 4Page - Princeton Technology Corp PT6955_10 Datasheet HTML 5Page - Princeton Technology Corp PT6955_10 Datasheet HTML 6Page - Princeton Technology Corp PT6955_10 Datasheet HTML 7Page - Princeton Technology Corp PT6955_10 Datasheet HTML 8Page - Princeton Technology Corp PT6955_10 Datasheet HTML 9Page - Princeton Technology Corp PT6955_10 Datasheet HTML 10Page - Princeton Technology Corp PT6955_10 Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6955 V1.5
- 7 -
June, 2005
LED Driver IC
PT6955
COMMAND 3: ADDRESS SETTING COMMANDS
Address Setting Commands are used to set the address of the display memory. The address is
considered valid if it has a value of “00H” to 0DH”. If the address is set to 0EH or higher, the data is
ignored until a valid address is set. When power is turned ON, the address is set at “00H”.
Please refer to the diagram below.
MSB
LSB
1
1
-
-
b3 b2 b1 b0
Not Relevant
Address: 00H to 0DH
Display Mode and RAM Address
Data transmitted from an external device to PT6955 via the serial interface are stored in the Display
RAM and are assigned addresses. The RAM Addresses of PT6955 are given below in 8 bits unit.
SG1
SG4
SG5
SG8
SG9
SG12
00HL
00HU
01HL
DIG1
02HL
02HU
03HL
DIG2
04HL
04HU
05HL
DIG3
06HL
06HU
07HL
DIG4
08HL
08HU
09HL
DIG5
0AHL
0AHU
0BHL
DIG6
0CHL
0CHU
0DHL
DIG7
b0
b3
b4
b7
xxHL
xxHU
Lower 4 bits
Higher 4 bits


Similar Part No. - PT6955_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6955 PTC-PT6955 Datasheet
25Kb / 3P
   LED Driver IC
More results

Similar Description - PT6955_10

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com