Electronic Components Datasheet Search
  English  ▼

X  

PT6955 Datasheet(PDF) 12 Page - Princeton Technology Corp

Part # PT6955
Description  LED Driver IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6955 Datasheet(HTML) 12 Page - Princeton Technology Corp

Back Button PT6955_10 Datasheet HTML 8Page - Princeton Technology Corp PT6955_10 Datasheet HTML 9Page - Princeton Technology Corp PT6955_10 Datasheet HTML 10Page - Princeton Technology Corp PT6955_10 Datasheet HTML 11Page - Princeton Technology Corp PT6955_10 Datasheet HTML 12Page - Princeton Technology Corp PT6955_10 Datasheet HTML 13Page - Princeton Technology Corp PT6955_10 Datasheet HTML 14Page - Princeton Technology Corp PT6955_10 Datasheet HTML 15Page - Princeton Technology Corp PT6955_10 Datasheet HTML 16Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6955 V1.5
- 12 -
June, 2005
LED Driver IC
PT6955
RECOMMENDED SOFTWARE FOLWCHART
START
SET
COMMAND2
(WriteData)
SET
COMMAND2
(READ KEY & WRITE
DATA INCLUDED)
SET
COMMAND3
END
INITIAL
SETTING
MAIN
LOOP
SET
COMMAND3
Clear Display RAM
(See Note 5)
SET
COMMAND1
MAIN
PROGRAM
SET
COMMAND4
SET
COMMAND4
(88H ~ 8FH : Display ON)
Delay 200 ms
SET
COMMAND1
Notes:
1. Command 1: Display Mode Commands
2. Command 2: Data Setting Commands
3. Command 3: Address Setting Commands
4. Command 4: Display Control Commands
5. When IC power is applied for the first time, the contents of the Display RAM are not defined; thus, it
is strongly suggested that the contents of the Display RAM must be cleared during the initial setting.


Similar Part No. - PT6955_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6955 PTC-PT6955 Datasheet
25Kb / 3P
LED Driver IC
More results

Similar Description - PT6955_10

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Princeton Technology Co...
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com