Electronic Components Datasheet Search
  English  ▼

X  

PT6959 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT6959
Description  LED Driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6959 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT6959_10 Datasheet HTML 2Page - Princeton Technology Corp PT6959_10 Datasheet HTML 3Page - Princeton Technology Corp PT6959_10 Datasheet HTML 4Page - Princeton Technology Corp PT6959_10 Datasheet HTML 5Page - Princeton Technology Corp PT6959_10 Datasheet HTML 6Page - Princeton Technology Corp PT6959_10 Datasheet HTML 7Page - Princeton Technology Corp PT6959_10 Datasheet HTML 8Page - Princeton Technology Corp PT6959_10 Datasheet HTML 9Page - Princeton Technology Corp PT6959_10 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6959 V1.5
- 6 -
June, 2005
LED Driver IC
PT6959
FUNCTION DESCRIPTION
COMMANDS
A command is the first byte (b0 to b7) inputted to PT6959 via the DIN Pin after STB Pin has changed
from “HIGH” to “LOW” State. If for some reason the STB Pin is set to “HIGH” while data or commands
are being transmitted, the serial communication is initialized, and the data/commands being
transmitted are considered invalid.
COMMAND 1: DISPLAY MODE SETTING COMMANDS
PT6959 provides 4 display mode settings as shown in the diagram below: As stated earlier a command
is the first one byte (b0 to b7) transmitted to PT6959 via the DIN Pin when STB is “LOW”. However, for
these commands, Bit No. 3 to Bit No.6 (b2 to b5) are ignored, Bit No. 7 & Bit No. 8 (b6 to b7) are given
a value of “0”.
The Display Mode Setting Commands determine the number of segments and grids to be used (1/4 to
1/7 duty, 14 to 11 segments). When these commands are executed, the display is forcibly turned off. A
display command “ON” must be executed in order to resume display. If the same mode setting is
selected, no command execution is take place, therefore, nothing happens.
When Power is turned “ON”, the 7-Grid, 11-Segment Mode is selected.
MSB
LSB
0
0
-
-
-
-
b1 b0
Not Relevant
Display Mode Settings:
00: 4 digits, 14 segments
01: 5 digits, 13 segments
10: 6 digits, 12 segments
11: 7 digits, 11 segments


Similar Part No. - PT6959_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
More results

Similar Description - PT6959_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com