Electronic Components Datasheet Search
  English  ▼

X  

PT6959 Datasheet(PDF) 10 Page - Princeton Technology Corp

Part # PT6959
Description  LED Driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6959 Datasheet(HTML) 10 Page - Princeton Technology Corp

Back Button PT6959_10 Datasheet HTML 6Page - Princeton Technology Corp PT6959_10 Datasheet HTML 7Page - Princeton Technology Corp PT6959_10 Datasheet HTML 8Page - Princeton Technology Corp PT6959_10 Datasheet HTML 9Page - Princeton Technology Corp PT6959_10 Datasheet HTML 10Page - Princeton Technology Corp PT6959_10 Datasheet HTML 11Page - Princeton Technology Corp PT6959_10 Datasheet HTML 12Page - Princeton Technology Corp PT6959_10 Datasheet HTML 13Page - Princeton Technology Corp PT6959_10 Datasheet HTML 14Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6959 V1.5
- 10 -
June, 2005
LED Driver IC
PT6959
DISPLAY TIMING WAVRFORM
T= 500 s
DI SP L AY
µ
G1
G2
G3
SG Output
DIG1
DIG2
DIG3
DIGn
DIG1
Gn
DIG4
G4
SERIAL COMMUNICATION FORMAT
The following diagram shows the PT6959 serial communication format.
STB
DIN
CLK
If data continues
b0
b1
b2
b6
b7
12
37
8
Reception ( Da ta/Com m an d W rite)


Similar Part No. - PT6959_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
More results

Similar Description - PT6959_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com