Electronic Components Datasheet Search
  English  ▼

X  

118 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # 118
Description  RENESAS MCU
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

118 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button 118 Datasheet HTML 118Page - Renesas Technology Corp 118 Datasheet HTML 119Page - Renesas Technology Corp 118 Datasheet HTML 120Page - Renesas Technology Corp 118 Datasheet HTML 121Page - Renesas Technology Corp 118 Datasheet HTML 122Page - Renesas Technology Corp 118 Datasheet HTML 123Page - Renesas Technology Corp 118 Datasheet HTML 124Page - Renesas Technology Corp 118 Datasheet HTML 125Page - Renesas Technology Corp 118 Datasheet HTML 126Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 124 / 126 page
background image
A- 1
Revision History
R32C/118 Group Datasheet
Rev.
Date
Description
Page
Summary
1.00
Nov 19, 2009
—
Initial release
1.10
Jun 23, 2010
—
Second edition released
This manual in general
—
• Applied new Renesas templates and formats to the manual
• Changed company name to “Renesas Electronics Corporation” and
changed related descriptions due to business merger of Renesas
Technology Corporation and NEC Electronics Corporation (under
Chapters 1 and 5)
• Added specifications of 64 MHz version
Chapter 1. Overview
3, 5
• Deleted Note 1 from Tables 1.2 and 1.4
9
• Deleted Note 4 from Figure 1.2
19
• Modified expression “fC” in Table 1.14 to “low speed clocks”
Chapter 4. SFRs
34, 37
• Changed register name “Group i Timer Measurement Prescaler
Register” in Tables 4.6 and 4.9 to “Group i Time Measurement
Prescaler Register”
39
• Modified expression “XY Control Register” in Table 4.11 to “X-Y
Control Register”
41
• Changed register name “UART2 Transmission/Receive Mode
Register” in Table 4.13 to “UART2 Transmit/Receive Mode Register”;
Changed hexadecimal format of reset values for registers TABSR,
ONSF, and TRGSR to binary
52
• Changed register name “External Interrupt Source Select Register i” in
Table 4.24
to “External Interrupt Request Source Select Register i”
67, 81
• Modified register names “CANi Reception Error Count Register” and
“CANi Transmission Error Count Register” in Tables 4.39 and 4.53 to
“CANi Receive Error Count Register” and “CANi Transmit Error Count
Register”, respectively
Chapter 5. Electrical Characteristics
91
• Changed expressions “
CS0” and “A23 to A0, BC3 to BC0” in Figure
5.5
to “Chip select” and “Address”, respectively
Appendix 1. Package Dimensions
123
• Added a seating plane to the drawing of package dimension
All trademarks and registered trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com