Electronic Components Datasheet Search
  English  ▼

X  

151 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # 151
Description  RENESAS MCU
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

151 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button 151 Datasheet HTML 113Page - Renesas Technology Corp 151 Datasheet HTML 114Page - Renesas Technology Corp 151 Datasheet HTML 115Page - Renesas Technology Corp 151 Datasheet HTML 116Page - Renesas Technology Corp 151 Datasheet HTML 117Page - Renesas Technology Corp 151 Datasheet HTML 118Page - Renesas Technology Corp 151 Datasheet HTML 119Page - Renesas Technology Corp 151 Datasheet HTML 120Page - Renesas Technology Corp 151 Datasheet HTML 121Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 118 / 121 page
background image
A- 2
45
• Modified the following register names in Table 4.26: “DMAi Source
Select Register 2” to “DMAi Request Source Select Register 2” and
“DMAi Source Select Register 1” to “DMAi Request Source Select
Register”; Changed expression “Wake-up/Interrupt Priority Level
Control Register” to “Wake-up IPL Setting Register”
46-47
• Modified “X” in reset values for unassigned bits to “0” for the following
registers in Tables 4.27 to 4.28: LiCW, LiBRG, LiMD0, LiBRK, LiSPC,
LiRFC, LiSC, LiTC, LiST, and LiEST
47
• Corrected register symbol “L1FRC” in Table 4.28 to “L1RFC”
64, 78
• Modified reset value “00h” for C1CLKR in Table 4.45 and C0CLKR in
Table 4.59
to “000X 0000b”
78
• Added addresses “047F60h to 047FFFh” and “048000h to 04FFFFh”
to Table 4.59
Chapter 5. Electrical Characteristics
—
• Added initially
1.10
Sep 06, 2010
—
Third edition released
This manual in general
—
• Applied new Renesas templates and formats to the manual
• Changed company name to “Renesas Electronics Corporation” and
changed related descriptions due to business merger of Renesas
Technology Corporation and NEC Electronics Corporation (under
Chapters 1 and 5)
• Modified expressions “version J”, “version L”, and “version K” to “J
version”, “L version”, and “K version”, respectively (under Chapters 1
and 5)
Chapter 1. Overview
4
• Completed all “under development” phases in Table 1.3
7• Revised Figure 1.3
12
• Modified expression “fC” in Table 1.8 to “low speed clocks”
Chapter 4. SFRs
25, 28,
31
• Changed register name “Group i Timer Measurement Prescaler
Register” in Tables 4.6, 4.9, and 4.12 to “Group i Time Measurement
Prescaler Register”
32
• Modified expression “XY Control Register” in Table 4.13 to “X-Y
Control Register”
34
• Changed register name “UART2 Transmission/Receive Mode
Register” in Table 4.15 to “UART2 Transmit/Receive Mode Register”;
Changed hexadecimal format of reset values for registers TABSR,
ONSF, and TRGSR to binary
45
• Changed register name “External Interrupt Source Select Register i” in
Table 4.26
to “External Interrupt Request Source Select Register i”
64, 78
• Modified register names “CANi Reception Error Count Register” and
“CANi Transmission Error Count Register” in Tables 4.45 and 4.59 to
“CANi Receive Error Count Register” and “CANi Transmit Error Count
Register”, respectively
Revision History
R32C/151 Group Datasheet
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com