Electronic Components Datasheet Search
  English  ▼

X  

MIC3230 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC3230
Description  Constant Current Boost Controller for Driving High Power LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3230 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC3230_1 Datasheet HTML 4Page - Micrel Semiconductor MIC3230_1 Datasheet HTML 5Page - Micrel Semiconductor MIC3230_1 Datasheet HTML 6Page - Micrel Semiconductor MIC3230_1 Datasheet HTML 7Page - Micrel Semiconductor MIC3230_1 Datasheet HTML 8Page - Micrel Semiconductor MIC3230_1 Datasheet HTML 9Page - Micrel Semiconductor MIC3230_1 Datasheet HTML 10Page - Micrel Semiconductor MIC3230_1 Datasheet HTML 11Page - Micrel Semiconductor MIC3230_1 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Micrel, Inc.
MIC3230/1/2
November 2009
8
M9999-113009-B
Functional Description
A constant output current converter is the preferred
method for driving LEDs. Small variations in current have a
minimal effect on the light output, whereas small variations
in voltage have a significant impact on light output. The
MIC323x family of LED drivers are specifically designed to
operate as constant current LED Drivers and the typical
application schematic is shown in Figure 1.
The MIC323x family is designed to operate as a boost
controller, where the output voltage is greater than the
input voltage. This configuration allows for the design of
multiple LEDs in series to help maintain color and
brightness. The MIC323x family can also be configured as
a SEPIC controller, where the output voltage can be either
above or below the input voltage.
The MIC3230/1/2 have a very wide input voltage range,
between 6V and 45V, to help accommodate for a diverse
range of input voltage applications. In addition, the LED
current can be programmed to a wide range of values
through the use of an external resistor. This provides
design flexibility in adjusting the current for a particular
application need.
The MIC3230/1/2 features a low impedance gate driver
capable of switching large MOSFETs. This low impedance
helps provide higher operating efficiency.
The MIC323x family can control the brightness of the
LEDs via its PWM dimming capability. Applying a PWM
signal (up to 500Hz) to the PWMD pin allows for control of
the brightness of the LED.
Each member of the MIC323x family employs peak current
mode
control.
Peak
current
mode
control
offers
advantages over voltage mode control in the following
manner. Current mode control can achieve a superior line
transient performance compared to voltage mode control
and through small signal analysis (not shown here),
current mode control is easier to compensate than voltage
mode control, thus allowing for a less complex control loop
stability design. Figure 2 shows the functional block
diagram.
Figure 2. MIC3230 Functional Block Diagram


Similar Part No. - MIC3230_1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
More results

Similar Description - MIC3230_1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
Constant Current Boost Controller for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
logo
Unisonic Technologies
L5107 UTC-L5107 Datasheet
229Kb / 9P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
L5107 UTC-L5107_15 Datasheet
239Kb / 8P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
Constant Current, Buck Regulator for Driving High Power LEDs
logo
Unisonic Technologies
ULC6001 UTC-ULC6001 Datasheet
101Kb / 4P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com