Electronic Components Datasheet Search
  English  ▼

X  

MIC3230 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC3230
Description  Constant Current Boost Controller for Driving High Power LEDs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3230 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC3230_1 Datasheet HTML 1Page - Micrel Semiconductor MIC3230_1 Datasheet HTML 2Page - Micrel Semiconductor MIC3230_1 Datasheet HTML 3Page - Micrel Semiconductor MIC3230_1 Datasheet HTML 4Page - Micrel Semiconductor MIC3230_1 Datasheet HTML 5Page - Micrel Semiconductor MIC3230_1 Datasheet HTML 6Page - Micrel Semiconductor MIC3230_1 Datasheet HTML 7Page - Micrel Semiconductor MIC3230_1 Datasheet HTML 8Page - Micrel Semiconductor MIC3230_1 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Micrel, Inc.
MIC3230/1/2
November 2009
3
M9999-113009-B
Pin Configuration
IADJ
IS
6
5
1
VIN
EN
PWMD
COMP
10 VDD
DRV
PGND
OVP
9
8
7
2
3
4
IADJ
IS
VIN
EN
PWMD
COMP
1
VDD
DRV
PGND
OVP
2
3
4
5
FS
EPAD
SYNC/NC
6
8
12
11
10
9
7
1
N/C
VIN
EN
PWMD
COMP
IADJ
FS
AGND
16 N/C
VDD
DRV
PGND
OVP
IS
SYNC/NC
N/C
15
14
13
12
11
10
9
2
3
4
5
6
7
8
EPAD
10-Pin MSOP (MM)
MIC3232
12-Pin 3mmx3mmMLF
® (ML)
MIC3230, MIC3231
See Product Option Matrix for selection
16-Pin TSSOP (TSE)
MIC3230, MIC3231
See Product Option Matrix for selection
Pin Description
Pin Number
MLF
®
Pin Number
TSSOP
Pin Number
MSOP
Pin Name
Pin Function
--
1
--
NC
No Connect.
1
2
1
VIN
Input Voltage (power) 6V to 45V.
2
3
2
EN
Enable Control (Input). Logic High (≥1.5V) enables the
regulator. Logic Low (≤0.4V) shuts down the regulator.
Connect a 100kΩ resistor from EN to VIN.
3
4
3
PWMD
PWM input. High signal terminates the output power. Low
Signal starts up the output power.
4
5
4
COMP
Compensation (output): for external compensation.
5
6
5
IADJ
Feedback (input).
6
7
--
FS
Frequency Select (input). Connected to a Resistor to
determine the operating frequency.
--
8
--
AGND
Analog Ground.
--
9
--
NC
No Connect.
7
10
--
SYNC
Sync (output). Connect to another MIC3230 to synchronize
multiple converters.
8
11
6
IS
Current Sense (input). Connected to external current sense
resistor which in turn is connected to the source of the external
FET as well as an external slope compensation resistor.
9
12
7
OVP
OVP divider connection (output). Connect the top of the
divider string to the output. If the load is disconnected, the
output voltage will rise until OVP reaches 1.25V and then will
regulate around this point.
10
13
8
PGND
Power Ground.
11
14
9
DRV
Drive Output: connect to the gate of external FET (output).
12
15
10
VDD
VDD Filter for internal power rail. Do not connect an external
load to this pin. Connect 10µF to GND.
--
16
--
NC
No Connect.
--
--
--
EPAD
Connect to AGND.


Similar Part No. - MIC3230_1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
More results

Similar Description - MIC3230_1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
logo
Unisonic Technologies
L5107 UTC-L5107 Datasheet
229Kb / 9P
   CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
ULC6001 UTC-ULC6001 Datasheet
101Kb / 4P
   CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
L5107 UTC-L5107_15 Datasheet
239Kb / 8P
   CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com