Electronic Components Datasheet Search
  English  ▼

X  

MPC8572CLVTATLD Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # MPC8572CLVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8572CLVTATLD Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button MPC8572CLVTATLD Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8572CLVTATLD Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8572CLVTATLD Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8572CLVTATLD Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8572CLVTATLD Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8572CLVTATLD Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8572CLVTATLD Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8572CLVTATLD Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8572CLVTATLD Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
112
Freescale Semiconductor
Package Description
Power and Ground Signals
GND
Ground
A18, A25, A29, C3, C6,
C9, C12, C15, C20,
C22, E5, E8, E11, E14,
F3, G7, G10, G13,
G16, H5, H21, J3, J9,
J12, J18, K7, L5, L13,
L15, L16, L21, M3, M9,
M12, M14, M16, M18,
N7, N13, N15, N17,
N19, N21, N23, P5,
P12, P14, P16, P20,
P22, R3, R9, R11, R13,
R15, R17, R19, R21,
R23, R26, T7, T12,
T14, T16, T18, T20,
T22, T30, U5, U11,
U13, U15, U16, U17,
U19, U21, U23, U25,
V3, V9, V12, V14, V16,
V18, V20, V22, W7,
W11, W13, W15, W17,
W19, W21, W27, W32,
Y5, Y12, Y14, Y16,
Y18, Y20, AA3, AA9,
AA13, AA15, AA17,
AA19, AA21, AA30,
AB7, AB26, AC5,
AC11, AC13, AD3,
AD9, AD14, AD17,
AD22, AE7, AE13,
AF5, AF11, AG3, AG9,
AG15, AG19, AH7,
AH13, AH22, AJ5,
AJ11, AJ17, AK3, AK9,
AK15, AK24, AL7,
AL13, AL19, AL26
——
—
XGND_SRDS1
SerDes Transceiver Pad GND
(xpadvss)
C23, C27, D23, D25,
E23, E26, F23, F24,
G23, G27, H23, H25,
J23, J26, K23, K24,
L27, M25
——
—
XGND_SRDS2
SerDes Transceiver Pad GND
(xpadvss)
AD23, AD25, AE23,
AE27, AF23, AF24,
AG23, AG26, AH23,
AH25, AJ27
——
—
Table 75. MPC8572E Pinout Listing (continued)
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com