Electronic Components Datasheet Search
  English  ▼

X  

CMX649 Datasheet(PDF) 5 Page - CML Microcircuits

Part # CMX649
Description  The Product Data Amendment series of documents
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX649 Datasheet(HTML) 5 Page - CML Microcircuits

  CMX649 Datasheet HTML 1Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 1 page
background image
ADM Codec
CMX649
© 2003 CML Microsystems Plc
5
D/649/2
4.
External Components
STRB
ENCODE VAD
VDD
MIC OUT
MIC-
DECODE VAD
VBIAS
AUDIO OUT
VSS
RX DATA
RX CLK
XTAL/CLK
IRQN
RPLY
CMD
SCLK
CSN
TX CLK
TX DATA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
CMX649E3
µµC
INTERFACE
MIC+
MIC
C6
C2
C4
R2
R4
C1
R1
R3
C3
C5
C7
X1
Figure 2 Recommended External Components
R1, R2
Note 1
100k
Ω
±10%
C5
Note 2
33.0
µF
±20%
R3, R4
Note 1
100k
Ω
±10%
C6
Note 3
1.0
µF
±20%
C1, C3
Note 1
100 pF
±20%
C7
Note 4
1.0
µF
±20%
C2, C4
Note 1
0.01
µF
±20%
X1
Note 5
4.096MHz
Notes:
1.
C1 - C4 and R1 - R4 set the microphone amplifier gain and frequency response. The values
shown set the gain to unity and the low and high –3 dB frequency rolloff points to approximately
150Hz and 15kHz respectively.
2.
DC blocking capacitor for driving a speaker from an external speaker amplifier. The value shown
is based on a 32
Ω impedance speaker where the highpass rolloff frequency is set to
approximately 150Hz.
3.
VDD decoupling capacitor.
4.
Bias decoupling capacitor.
5.
A 4.096MHz Xtal/Clock input will yield exactly 16kbps/32kbps/64kbps internally generated data
clock rates.
6.
To achieve good noise performance, VDD and VBIAS decoupling and protection of the signal path
from extraneous in-band signals are very important. It is recommended that the printed circuit
board is laid out with a ground plane in the CMX649 area to provide a low impedance connection
between the VSS pin and the VDD and VBIAS decoupling capacitors.



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com