Electronic Components Datasheet Search
  English  ▼

X  

LDS8711 Datasheet(PDF) 10 Page - IXYS Corporation

Part # LDS8711
Description  High Efficiency 10 LED Driver with No External Schottky
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8711 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button LDS8711 Datasheet HTML 4Page - IXYS Corporation LDS8711 Datasheet HTML 5Page - IXYS Corporation LDS8711 Datasheet HTML 6Page - IXYS Corporation LDS8711 Datasheet HTML 7Page - IXYS Corporation LDS8711 Datasheet HTML 8Page - IXYS Corporation LDS8711 Datasheet HTML 9Page - IXYS Corporation LDS8711 Datasheet HTML 10Page - IXYS Corporation LDS8711 Datasheet HTML 11Page - IXYS Corporation LDS8711 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LDS8711
© 2010 IXYS Corp.
10
Doc. No. 8711DS, Rev. N1.0
Characteristics subject to change without notice
PACKAGE DRAWING AND DIMENSIONS
8-PIN TDFN, 2mm x 3mm, 0.5mm PITCH
SYMBOL
MIN
NOM
MAX
A
0.700
0.750
0.800
A1
-
0.000
0.050
A2
0.203 Ref.
b
0.180
0.230
0.280
D
2.950
3.000
3.050
D1
1.750
1.800
1.850
E
1.950
2.000
2.050
E1
1.550
1.600
1.650
e
0.500 Bsc
L
0.350
0.400
0.450
Note:
1.
All dimensions are in millimeters
2.
Complies with JEDEC Standard MO-220


Similar Part No. - LDS8711

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8720 IXYS-LDS8720 Datasheet
475Kb / 10P
   184 WLED Matrix Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8724008T2-200 IXYS-LDS8724008T2-200 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
More results

Similar Description - LDS8711

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
Integrated Silicon Solu...
IS31LT3354-STLS2 ISSI-IS31LT3354-STLS2 Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3354 ISSI-IS31LT3354 Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3354-STLS2-TR ISSI-IS31LT3354-STLS2-TR Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
logo
Semtech Corporation
SC442 SEMTECH-SC442 Datasheet
233Kb / 1P
   10-Channel, Integrated, High Efficiency 120 White LED Driver
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
   High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
SM5350 SILICONMITUS-SM5350 Datasheet
215Kb / 1P
   High-Efficiency Three-String with up to 10-WLED White LED Driver
August 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com