Electronic Components Datasheet Search
  English  ▼

X  

LDS8711 Datasheet(PDF) 6 Page - IXYS Corporation

Part # LDS8711
Description  High Efficiency 10 LED Driver with No External Schottky
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8711 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button LDS8711 Datasheet HTML 2Page - IXYS Corporation LDS8711 Datasheet HTML 3Page - IXYS Corporation LDS8711 Datasheet HTML 4Page - IXYS Corporation LDS8711 Datasheet HTML 5Page - IXYS Corporation LDS8711 Datasheet HTML 6Page - IXYS Corporation LDS8711 Datasheet HTML 7Page - IXYS Corporation LDS8711 Datasheet HTML 8Page - IXYS Corporation LDS8711 Datasheet HTML 9Page - IXYS Corporation LDS8711 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LDS8711
© 2010 IXYS Corp.
6
Doc. No. 8711DS, Rev. N1.0
Characteristics subject to change without notice
PIN DESCRIPTION
Pin #
Name
Function
1
VIN
Input Voltage, connect to battery or power supply
2
GND
Analog Ground
3
PGND
Power Ground
4
SW
Switch input; Connect inductor terminal to this pin
5
VOUT
Output voltage; Connect to the LED string anode
terminal to this pin.
6
HVB
High Voltage Bypass; Connect a 0.01 µF capacitor
between this point and VOUT
7
LEDS
Current Sense input. Connect LED string cathode
terminal to this pin
8
EN/PWM Device Enable (active high) and Dimming Control
PAD
PAD
Connect to GND on the PCB
Top view: TDFN 8-lead 2 X 3 mm
PIN FUNCTION
VIN is the supply pin for the driver. A small 1 μF
ceramic bypass capacitor is required between the VIN
pin and ground near the device. The operating input
voltage range is from 2.7 V to 5.5 V. If the input
supply
voltage
falls
below
the
under-voltage
threshold, switch is disabled, and the device enters
shutdown mode.
HVB is the internal high voltage reference point.
Connect a 4700 µF capacitor between this point and
VOUT.
EN/PWM is the Enable/Smart OneWire
™ inteface
and PWM control logic input. Guaranteed levels of
logic high and logic low are set at 1.4 V and 0.4 V
respectively. When EN/PWM is initially taken high,
the device becomes enabled and wait for the first
pulse that determines mode, at which device will
operate. If first pulse is equal tSETUP1, LED current sets
to
factory
programmed
value
and
every
next
incoming pulse will be recognized as PWM signal. If
first pulse is equal tSETUP2,
device enters Smart
OneWire
™ interface mode and wait for command.
Every next of 16 incoming pulses will be recognized
as command. If device is not able to recognize
command due error in transmition, it enters shutdown
mode after 10 ms. To place the device into shutdown
mode, the EN/PWM pin must be held low for more
than 10 ms.
VOUT is the driver’ output that is connected to the LED
anode. A ceramic bypass capacitor is required
between the VOUT pin and ground near the device.
GND is the ground reference for the analog circuits.
The pin must be connected to the ground plane on
the PCB. Avoid high currents flowing trough traces
connecting this pin with EN/PWM signal source.
PGND is the current return for high current circuits.
The pin must be connected to the ground plane on
the PCB. Connect GND and PGND as close to the
driver as possible.
LEDS is the Current Sense pin that provides internal
regulated current sink for LED string. Connect LED
string cathode to this pin. This pin enter high-
impedance zero current state whenever the device is
in shutdown mode.
PAD is the exposed pad underneath the package.
For best thermal performance, the pad should be
soldered to the PCB and connected to the ground
plane


Similar Part No. - LDS8711

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8720 IXYS-LDS8720 Datasheet
475Kb / 10P
184 WLED Matrix Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
40 WLED Driver with Boost Converter
LDS8724008T2-200 IXYS-LDS8724008T2-200 Datasheet
474Kb / 10P
40 WLED Driver with Boost Converter
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
49 WLED Driver with Boost Converter
More results

Similar Description - LDS8711

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
High Efficiency LED Driver
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
High Efficiency LED Driver
logo
Semtech Corporation
SC442 SEMTECH-SC442 Datasheet
233Kb / 1P
10-Channel, Integrated, High Efficiency 120 White LED Driver
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
High Efficiency LED Driver
logo
Integrated Silicon Solu...
IS31LT3354 ISSI-IS31LT3354 Datasheet
301Kb / 12P
40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3354-STLS2 ISSI-IS31LT3354-STLS2 Datasheet
301Kb / 12P
40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3354-STLS2-TR ISSI-IS31LT3354-STLS2-TR Datasheet
301Kb / 12P
40V LED DRIVER WITH EXTERNAL SWITCH
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
SM5350 SILICONMITUS-SM5350 Datasheet
215Kb / 1P
High-Efficiency Three-String with up to 10-WLED White LED Driver
August 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com