Electronic Components Datasheet Search
  English  ▼

X  

LDS8711 Datasheet(PDF) 9 Page - IXYS Corporation

Part # LDS8711
Description  High Efficiency 10 LED Driver with No External Schottky
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8711 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button LDS8711 Datasheet HTML 4Page - IXYS Corporation LDS8711 Datasheet HTML 5Page - IXYS Corporation LDS8711 Datasheet HTML 6Page - IXYS Corporation LDS8711 Datasheet HTML 7Page - IXYS Corporation LDS8711 Datasheet HTML 8Page - IXYS Corporation LDS8711 Datasheet HTML 9Page - IXYS Corporation LDS8711 Datasheet HTML 10Page - IXYS Corporation LDS8711 Datasheet HTML 11Page - IXYS Corporation LDS8711 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LDS8711
© 2010 IXYS Corp.
9
Doc. No. 8711DS, Rev. N1.0
Characteristics subject to change without notice
We recommend COUT in the range 1.0 – 2.2 µF to
achieve better efficiency and driver’s stability.
Recommended Layout
In active mode, the driver switches internally at a high
frequency. We recommend minimize trace length to
all external capacitors and inductor. The input and
output ceramic capacitors (X5R or X7R type) should
located as close to the device’ pins as possible to
prevent from EMI distribution
A ground plane should cover the area under the
driver IC as well as the bypass capacitors. Short
connection to ground on capacitors CIN and COUT can
be implemented with the use of multiple via. A copper
area matching the TDFN exposed pad (PAD) must
be connected to the ground plane underneath. The
use of multiple via improves the package heat
dissipation.
Figure 4. Recommended layout


Similar Part No. - LDS8711

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8720 IXYS-LDS8720 Datasheet
475Kb / 10P
   184 WLED Matrix Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8724008T2-200 IXYS-LDS8724008T2-200 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
More results

Similar Description - LDS8711

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
Integrated Silicon Solu...
IS31LT3354-STLS2 ISSI-IS31LT3354-STLS2 Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3354 ISSI-IS31LT3354 Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3354-STLS2-TR ISSI-IS31LT3354-STLS2-TR Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
logo
Semtech Corporation
SC442 SEMTECH-SC442 Datasheet
233Kb / 1P
   10-Channel, Integrated, High Efficiency 120 White LED Driver
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
   High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
SM5350 SILICONMITUS-SM5350 Datasheet
215Kb / 1P
   High-Efficiency Three-String with up to 10-WLED White LED Driver
August 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com