Electronic Components Datasheet Search
  English  ▼

X  

LDS8724008T2-200 Datasheet(PDF) 3 Page - IXYS Corporation

Part # LDS8724008T2-200
Description  40 WLED Driver with Boost Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8724008T2-200 Datasheet(HTML) 3 Page - IXYS Corporation

  LDS8724008T2-200 Datasheet HTML 1Page - IXYS Corporation LDS8724008T2-200 Datasheet HTML 2Page - IXYS Corporation LDS8724008T2-200 Datasheet HTML 3Page - IXYS Corporation LDS8724008T2-200 Datasheet HTML 4Page - IXYS Corporation LDS8724008T2-200 Datasheet HTML 5Page - IXYS Corporation LDS8724008T2-200 Datasheet HTML 6Page - IXYS Corporation LDS8724008T2-200 Datasheet HTML 7Page - IXYS Corporation LDS8724008T2-200 Datasheet HTML 8Page - IXYS Corporation LDS8724008T2-200 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LDS8724
© 2010 IXYS Corp.
3
Doc. No. 8724DS, Rev. N1.0
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
Vin = 3.6V, IOUT = 75mA ( 3 strings with 4 LEDs at 25 mA per string, CIN = 1 μF, COUT = 1μF, L = 22 µH, TAMB = 25°C unless otherwise specified
Power Efficiency vs. Input Voltage
LED Current per string vs. Input Voltage
LED Current vs. PWM Duty Cycle
LED Current Error vs. PWM Frequency
Soft Start Waveforms
Ch 1 (yellow) – EN pin, Ch 2 (green) – SW node voltage
Ch 3 (red) – Inductor current, Ch 4 (blue) - VOUT
Operating Waveforms
Ch 1 (yellow) - SW node voltage,
Ch 3 (red) – Inductor current


Similar Part No. - LDS8724008T2-200

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8720 IXYS-LDS8720 Datasheet
475Kb / 10P
   184 WLED Matrix Driver with Boost Converter
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
More results

Similar Description - LDS8724008T2-200

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
LDS8720 IXYS-LDS8720 Datasheet
475Kb / 10P
   184 WLED Matrix Driver with Boost Converter
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
logo
Eutech Microelectronics...
EUP2538 EUTECH-EUP2538 Datasheet
264Kb / 11P
   10X2 Strings WLED Boost Converter
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com