Electronic Components Datasheet Search
  English  ▼

X  

HT66F13 Datasheet(PDF) 106 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 106 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 102Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 103Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 104Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 105Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 106Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 107Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 108Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 109Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 110Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 173 page
background image
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU
Rev. 1.10
106
February 9, 2011
Counter Value
CCRB
CCRA
TnON
TnPAU
TnAPOL
CCRB Int.
Flag TnBF
CCRA Int.
Flag TnAF
TPnA Pin
(TnAOC=1)
Time
Counter stopped
by CCRA
Pause
Resume
Counter Stops
by software
Counter Reset
when TnON
returns high
TnAM [1:0] = 10, TnBM [1:0] = 10;
TnAIO [1:0] = 11, TnBIO [1:0] = 11
Pulse Width set
by (CCRA-CCRB)
Output Inverts
when TnBPOL=1
TCKn pin
Software
Trigger
Cleared by
CCRA match
TCKn pin
Trigger
Auto. set by
TCKn pin
Software
Trigger
Software
Clear
Software
Trigger
Software
Trigger
TnBPOL
TPnA Pin
(TnAOC=0)
TPnB Pin
(TnBOC=1)
TPnB Pin
(TnBOC=0)
Pulse Width
set by CCRA
Output Inverts
when TnAPOL=1
Single Pulse Mode
Note:
1. Counter stopped by CCRA
2. CCRP is not used
3. The pulse is triggered by the TCKn pin or by setting the TnON bit high
4. A TCKn pin active edge will automatically set the TnON bit high
5. In the Single Pulse Mode, TnAIO [1:0] and TnBIO [1:0] must be set to
²11² and can not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com