Electronic Components Datasheet Search
  English  ▼

X  

HT66F13 Datasheet(PDF) 144 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 144 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 140Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 141Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 142Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 143Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 144Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 145Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 146Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 147Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 148Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 173 page
background image
RLC [m]
RotateDataMemoryleftthroughCarry
Description
The contents of the specified Data Memory and the carry flag are rotated left by 1 bit. Bit
7replacestheCarrybitandtheoriginalcarryflagisrotatedintobit0.
Operation
[m].(i+1)
¬ [m].i;(i =0~6)
[m].0
¬ C
C
¬ [m].7
Affected flag(s)
C
RLCA [m]
RotateDataMemoryleftthroughCarrywithresultin ACC
Description
Data in the specified Data Memory and the carry flag are rotated left by 1 bit. Bit 7 re-
places the Carry bit and the original carry flag is rotated into the bit 0. The rotated result
isstoredintheAccumulatorandthecontentsoftheDataMemoryremainunchanged.
Operation
ACC.(i+1)
¬ [m].i;(i =0~6)
ACC.0
¬ C
C
¬ [m].7
Affected flag(s)
C
RR [m]
RotateDataMemoryright
Description
The contents of the specified Data Memory are rotated right by 1 bit with bit 0 rotated
intobit7.
Operation
[m].i
¬ [m].(i+1);(i =0~6)
[m].7
¬ [m].0
Affected flag(s)
None
RRA [m]
RotateDataMemoryrightwithresultin ACC
Description
Data in the specified Data Memory and the carry flag are rotated right by 1 bit with bit 0
rotated into bit 7. The rotated result is stored in the Accumulator and the contents of the
DataMemoryremainunchanged.
Operation
ACC.i
¬ [m].(i+1);(i =0~6)
ACC.7
¬ [m].0
Affected flag(s)
None
RRC [m]
RotateDataMemoryrightthroughCarry
Description
The contents of the specified Data Memory and the carry flag are rotated right by 1 bit.
Bit0replacestheCarrybitandtheoriginalcarryflagisrotatedintobit7.
Operation
[m].i
¬ [m].(i+1);(i =0~6)
[m].7
¬ C
C
¬ [m].0
Affected flag(s)
C
RRCA [m]
RotateDataMemoryrightthroughCarrywithresultin ACC
Description
Data in the specified Data Memory and the carry flag are rotated right by 1 bit. Bit 0 re-
places the Carry bit and the original carry flag is rotated into bit 7. The rotated result is
storedintheAccumulatorandthecontentsoftheDataMemoryremainunchanged.
Operation
ACC.i
¬ [m].(i+1);(i =0~6)
ACC.7
¬ C
C
¬ [m].0
Affected flag(s)
C
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashTypeMCU
Rev.1.10
144
February9,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com