Electronic Components Datasheet Search
  English  ▼

X  

CLP6S-WKW Datasheet(PDF) 6 Page - Cree, Inc

Part # CLP6S-WKW
Description  PLCC6 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLP6S-WKW Datasheet(HTML) 6 Page - Cree, Inc

Back Button CLP6S-WKW Datasheet HTML 2Page - Cree, Inc CLP6S-WKW Datasheet HTML 3Page - Cree, Inc CLP6S-WKW Datasheet HTML 4Page - Cree, Inc CLP6S-WKW Datasheet HTML 5Page - Cree, Inc CLP6S-WKW Datasheet HTML 6Page - Cree, Inc CLP6S-WKW Datasheet HTML 7Page - Cree, Inc CLP6S-WKW Datasheet HTML 8Page - Cree, Inc CLP6S-WKW Datasheet HTML 9Page - Cree, Inc CLP6S-WKW Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
CLD-CT1141.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Cool White
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Color Bin Code
Min.
Max.
Cool White
CLP6S-WKW-CYbA0153
120
3550
7100
W1,W2,W3,W4,W5
Warm White
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Color Bin Code
Min.
Max.
Warm White
CLP6S-MKW-CYaA0133
120
2800
7100
M1,M2,M3
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin codes and single color-
bin codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.


Similar Part No. - CLP6S-WKW

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLP6S-WKW MARKTECH-CLP6S-WKW Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CLP6S-WKW MARKTECH-CLP6S-WKW Datasheet
600Kb / 10P
   PLCC6 SMD LED
CLP6S-WKW-CYbA0153 MARKTECH-CLP6S-WKW-CYbA0153 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CLP6S-WKW MARKTECH-CLP6S-WKW_15 Datasheet
600Kb / 10P
   PLCC6 SMD LED
More results

Similar Description - CLP6S-WKW

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLC3535-WDRGB1 P-TEC-PLC3535-WDRGB1 Datasheet
464Kb / 5P
   PLCC6 SMD LED
logo
Marktech Corporate
CLP6S-WKW MARKTECH-CLP6S-WKW_15 Datasheet
600Kb / 10P
   PLCC6 SMD LED
CLP6S-WKW MARKTECH-CLP6S-WKW Datasheet
600Kb / 10P
   PLCC6 SMD LED
CLP6S-WKW MARKTECH-CLP6S-WKW Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
logo
Cree, Inc
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
   PLCC6 3 in 1 SMD LED
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
   PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com