Electronic Components Datasheet Search
  English  ▼

X  

LX1994 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1994
Description  High Efficiency LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1994 Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1994_06 Datasheet HTML 1Page - Microsemi Corporation LX1994_06 Datasheet HTML 2Page - Microsemi Corporation LX1994_06 Datasheet HTML 3Page - Microsemi Corporation LX1994_06 Datasheet HTML 4Page - Microsemi Corporation LX1994_06 Datasheet HTML 5Page - Microsemi Corporation LX1994_06 Datasheet HTML 6Page - Microsemi Corporation LX1994_06 Datasheet HTML 7Page - Microsemi Corporation LX1994_06 Datasheet HTML 8Page - Microsemi Corporation LX1994_06 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LX1994
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
High Efficiency LED Driver
Copyright
© 2003
Rev. 1.0d, 2006-02-09
TM
®
SIMPLIFIED BLOCK DIAGRAM
FB
S/P
10u A
SW ITC H
LO G IC
BU R S T
I PE AK
DRIVE
DR V
SRC
GND
0.2
CSM
200 m V
HYS T
CSM
16 B IT S H IFT
R E G ISTER
CLEA R
CLO C K
OUT
J/K
LA TC H
J
K
Q
CSM
I PEA K
100 m V
I PE AK
VIN
RE F
OV P
SLEE P
MO D E
CO N TR O L
1.2V
x10
0.6V
PW M &
SHU TDO W N
DETECTIO N
BR T
LS
CMP
10 0K
30k
3m V
Figure 1 – Simplified Block Diagram


Similar Part No. - LX1994_06

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994CDU MICROSEMI-LX1994CDU Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1994CLD MICROSEMI-LX1994CLD Datasheet
306Kb / 13P
   High Efficiency LED Driver
More results

Similar Description - LX1994_06

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com